Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVCH16721 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16721
Description  3.3V 20-Bit Flip-Flop with 3-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16721 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ALVCH16721 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI74ALVCH16721
3.3V 20-Bit Flip-Flop with 3-State Outputs
3
PS8090C 02/07/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature ........................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Input Voltage Range, VIN ...................................................... –0.5V to VCC +0.5V
Output Voltage Range, VOUT ............................................... –0.5V to VCC +0.5V
DC Input Voltage .................................................................... –0.5V to +5.0V
DC Output Current ............................................................................ 100 mA
Power Dissipation .................................................................................. 1.0W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S3
.
26
.
3
V
V H
I )
3
(
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
1
V C
C
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I )
3
(
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
V C
C
V
7
.
2
o
t
V
3
.
2
=7
.
0
V C
C
V
6
.
3
o
t
V
7
.
2
=8
.
0
V N
I
)
3
(
e
g
a
tl
o
V
t
u
p
n
I0
V C
C
V T
U
O
)
3
(
e
g
a
tl
o
V
t
u
p
t
u
O0
V C
C
V H
O
t
u
p
t
u
O
H
G
I
H
e
g
a
tl
o
V
I H
O
0
0
1
-
=
µ V
,
A
C
C =.
x
a
M
o
t
.
n
i
MV C
C
2
.
0
-
V H
I
I
,
V
7
.
1
=
H
O
6
-
=V
,
A
m
C
C =V
3
.
20
.
2
V H
I
I
,
V
7
.
1
=
H
O
2
1
-
=V
,
A
m
C
C =V
3
.
27
.
1
V H
I
I
,
V
0
.
2
=
H
O
2
1
-
=V
,
A
m
C
C =V
7
.
22
.
2
V H
I
I
,
V
0
.
2
=
H
O
2
1
-
=V
,
A
m
C
C =V
0
.
34
.
2
V H
I
I
,
V
0
.
2
=
H
O
4
2
-
=V
,
A
m
C
C =V
0
.
30
.
2
V L
O
t
u
p
t
u
O
W
O
L
e
g
a
tl
o
V
I L
O
0
0
1
=
µ V
,
A
L
I =.
x
a
M
o
t
.
n
i
M2
.
0
V L
I
I
,
V
7
.
0
=
L
O
6
=V
,
A
m
C
C =V
3
.
24
.
0
V L
I
I
,
V
7
.
0
=
L
O
2
1
=V
,
A
m
C
C =V
3
.
27
.
0
V L
I
I
,
V
8
.
0
=
L
O
2
1
=V
,
A
m
C
C =V
7
.
24
.
0
V L
I
I
,
V
8
.
0
=
L
O
4
2
=V
,
A
m
C
C =V
0
.
35
5
.
0
I H
O )
3
(
t
u
p
t
u
O
H
G
I
H
t
n
e
rr
u
C
V C
C
V
3
.
2
=2
1
-
A
m
V C
C
V
7
.
2
=2
1
-
V C
C
V
0
.
3
=4
2
-
I L
O )
3
(
t
u
p
t
u
O
W
O
L
t
n
e
rr
u
C
V C
C
V
3
.
2
=2
1
V C
C
V
7
.
2
=2
1
V C
C
V
0
.
3
=4
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com