Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ALVCH16721 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16721
Description  3.3V 20-Bit Flip-Flop with 3-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16721 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ALVCH16721 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8090C 02/07/00
Product Description
Pericom Semiconductor’s PI74ALVCH series of logic circuits are
produced in the Company’s advanced 0.5 micron CMOS
technology, achieving industry leading speed.
The PI74ALVCH16721 is a 20-bit flip-flop with 3-state outputs
designed specifically for 2.3V to 3.6V VCC operation. The
PI74ALVCH16721 is designed with edge-triggered D-type flip-
flops with qualified clock storage. On the positive transition of
clock (CLK) input, the device provides true data at the Q outputs,
provided that the clock-enable (CLKEN) input is LOW. If CLKEN
is HIGH, no data is stored.
A buffered output-enable (OE) input can be used to place the
20 outputs in either a normal logic state (HIGH or LOW level) or
a high-impedance state. In the high-impedance state, the outputs
neitherloadnordrivethebuslinessignificantly.Thehigh-impedance
state and increased drive provide the capacity to drive bus lines
without the need for interface or pullup components. OE does not
affect the internal operation of the flip-flops. Old data can be
retained or new data can be entered while the outputs are in the
high-impedance state.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
The PI74ALVCH16721 data has “Bus Hold” which retains the
data input’s last state whenever the data input goes to high-
impedance preventing “floating” inputs and eliminating the need
for pullup/down resistors.
Product Features
• PI74ALVCH16721 is designed for low voltage operation
• VCC = 2.3V to 3.6V
• Hysteresis on all inputs
• Typical VOLP (Output Ground Bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
< 2.0V at VCC = 3.3V, TA = 25°C
• Bus Hold retains last active bus state during 3-STATE,
eliminating the need for external pullup resistors
• Industrial operation at –40°C to +85°C
• Packages available:
– 56-pin 240 mil wide plastic TSSOP (A)
– 56-pin 300 mil wide plastic SSOP (V)
Logic Block Diagram
1
56
29
55
2
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3.3V 20-Bit Flip-Flop
with 3-STATE Outputs
PI74ALVCH16721


Similar Part No. - PI74ALVCH16721

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
16-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
18-Bit Universal Bus Transceiver With 3-State Outputs
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
12-Bit To 24-Bit Registered Bus Exchanger
PI74ALVCH16244 PERICOM-PI74ALVCH16244 Datasheet
130Kb / 5P
16-Bit Buffer Driver with 3-State Outputs
More results

Similar Description - PI74ALVCH16721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162721 TI-SN74ALVCH162721 Datasheet
125Kb / 9P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721 TI-SN74ALVCH16721 Datasheet
137Kb / 9P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162820 PERICOM-PI74ALVCH162820 Datasheet
272Kb / 5P
3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCH162721 IDT-IDT74ALVCH162721 Datasheet
111Kb / 6P
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16721 IDT-IDT74ALVCH16721 Datasheet
66Kb / 6P
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVC16721 TI1-SN74ALVC16721 Datasheet
137Kb / 8P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162721 TI1-SN74ALVCH162721_08 Datasheet
345Kb / 14P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721 TI1-SN74ALVCH16721_08 Datasheet
371Kb / 16P
3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH16721 RENESAS-IDT74ALVCH16721 Datasheet
239Kb / 7P
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
JULY 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com