Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9174CS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9174CS
Description  Triple Linear Regulator Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9174CS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9174CS Datasheet HTML 1Page - Richtek Technology Corporation RT9174CS Datasheet HTML 2Page - Richtek Technology Corporation RT9174CS Datasheet HTML 3Page - Richtek Technology Corporation RT9174CS Datasheet HTML 4Page - Richtek Technology Corporation RT9174CS Datasheet HTML 5Page - Richtek Technology Corporation RT9174CS Datasheet HTML 6Page - Richtek Technology Corporation RT9174CS Datasheet HTML 7Page - Richtek Technology Corporation RT9174CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
RT9174
DS9174-00 April 2001
www.richtek-ic.com.tw
1
Triple Linear Regulator Controllers
General Description
The RT9174 is a triple linear regulator controller
designed for motherboard application.
The regulators are intended to regulate the
computer system AGP (2X/4X) power, the 2.5V
clock power, and the 1.8V power for North/South
Bridge core voltage and/or cache memory circuits.
All controllers can drive NPN or NMOSFET pass
transistor. A special scheme empoly driver voltage
could be higher than VDD when driving NMOSFET
through the 12V power.
The RT9174 future a small SOP-8 package for
saving board area. It also builds in current limiting
and thermal shutdown protection function.
Ordering Information
RT9174C S
Function Block Diagram
Features
Integrated Three Linear Controllers in a SOP-8
Package
Driving NPN or NMOSFET
Sourcing ( > 100mA) and Sinking ( > 5mA) Driver
Tri-State Output Driver
Low Internal 0.8V Reference
Adjustable Output Voltage Setting
High Output Stability
VDDQ 1.5/3.3V Automatic Changing for AGP
Wide 3V ~ 8V Input Voltage Range
Current Limiting and Thermal Protection
Applications
Mother Boards Power Supply
Graphic Cards
Pin Configurations
Part Number
Pin Configurations
RT9174CS
(Plastic SOP-8)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-8
VDD
DRI 1
FB1
GND
DRI 3
FB3
DRI 2
FB2
1
2
3
4
8
7
6
5
VDD
DRI1
GND
0.8V 1.3V
Reference
DRI2
FB2
DRI3
FB3
FB1
_
_
OC
OC
OC
Thermal
Limit


Similar Part No. - RT9174CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174GS RICHTEK-RT9174GS Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174PS RICHTEK-RT9174PS Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
More results

Similar Description - RT9174CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
Triple Low Dropout Regulator Controllers
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
logo
Semtech Corporation
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
Triple Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
Triple-Output LCD Supply With Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com