Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3084MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3084MPBF
Description  XPHASETM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3084MPBF Datasheet HTML 17Page - International Rectifier IR3084MPBF Datasheet HTML 18Page - International Rectifier IR3084MPBF Datasheet HTML 19Page - International Rectifier IR3084MPBF Datasheet HTML 20Page - International Rectifier IR3084MPBF Datasheet HTML 21Page - International Rectifier IR3084MPBF Datasheet HTML 22Page - International Rectifier IR3084MPBF Datasheet HTML 23Page - International Rectifier IR3084MPBF Datasheet HTML 24Page - International Rectifier IR3084MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
IR3084
Page 21 of 45
07/20/2005
Under Voltage Lockout (UVLO)
The UVLO function monitors the IR3084’s VCC supply pin and ensures that there is adequate voltage to safely
power the internal circuitry. The IR3084’s UVLO threshold is set higher than the minimum operating voltage of
compatible Phase ICs thus providing UVLO protection for them as well. UVLO at the Phase ICs is a function of
the Error Amplifier’s output voltage. When the IR3084 is in UVLO, the Error Amplifier is disabled and EAOUT is
at a very low voltage (<200mV) thus preventing the Phase ICs from becoming active.
During power-up, the IR3084’s fault latch is reset when VCC exceeds 9.9V if there are no other faults. If the VCC
voltage drops below 9.1V the fault latch will be set.
Over Current Protection (OCP)
The current limit threshold is set by a resistor connected between the OCSET and VDAC pins. If the IIN pin
voltage, which is proportional to the average phase current plus DAC voltage, exceeds the OCSET voltage, the
over-current protection is triggered.
VID = Fault Code (NO_CPU)
When VIDSEL is grounded or left floating, NO_CPU VID codes of 11111XX for VR10 and 0000000X, 1111111X
for VR11 will set both the VID Fault Latch and the Fault Latch to disable the error amplifier. The controller will be
latched OFF and a power-on reset (POR) will be required to produce a new soft start sequence. In these 2
modes, the NO_CPU codes are ignored during startup. See Table 1 for further details.
When VIDSEL is set to VBIAS (6.9V) or VCC (12V), NO_CPU VID codes of 11111XX for VR10 and 0000000X,
1111111X for VR11 will set the Fault Latch to disable the error amplifier but the VID Fault Latch will not be set.
The controller will not be latched OFF and a soft start sequence will be produced when the NO_CPU code is
removed and the SS/DEL voltage falls below 0.215V. In these 2 modes, the NO_CPU codes will be not be
ignored during startup. See Table 1 for further details.
A 1.3µs delay is provided to prevent a NO_CPU fault condition from occurring during Dynamic VID changes.
VRRDY (Power Good) Output
The VRRDY pin is an open-collector output and should be pulled up to a voltage source through a resistor.
During soft-start, the VRRDY output remains low until the converter’s output voltage is in regulation and SS/DEL
is above 3.77V. The VRRDY pin transitions low if the fault latch is set. A high level at the VRRDY pin indicates
that the converter is in operation and has no fault, but does not ensure the output voltage is within the
specification. Output voltage regulation within the design limits can logically be assured however, assuming no
component failure in the system.
Load Current Indicator Output
The VDRP pin voltage represents the average phase current of the converter plus the DAC voltage. The load
current can be retrieved by subtracting the VDAC voltage from the VDRP voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com