Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3084MPBF Datasheet(PDF) 45 Page - International Rectifier

Part # IR3084MPBF
Description  XPHASETM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084MPBF Datasheet(HTML) 45 Page - International Rectifier

Back Button IR3084MPBF Datasheet HTML 37Page - International Rectifier IR3084MPBF Datasheet HTML 38Page - International Rectifier IR3084MPBF Datasheet HTML 39Page - International Rectifier IR3084MPBF Datasheet HTML 40Page - International Rectifier IR3084MPBF Datasheet HTML 41Page - International Rectifier IR3084MPBF Datasheet HTML 42Page - International Rectifier IR3084MPBF Datasheet HTML 43Page - International Rectifier IR3084MPBF Datasheet HTML 44Page - International Rectifier IR3084MPBF Datasheet HTML 45Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
IR3084
Page 45 of 45
07/20/2005
PACKAGE INFORMATION
28L MLPQ (5 x 5 mm Body) – θJA = 30
oC/W, θ
JC = 3
oC/W
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252−7105
TAC Fax: (310) 252−7903
Visit us at www.irf.com for sales contact information.
www.irf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com