Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3084MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3084MPBF
Description  XPHASETM VR 10/11 CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3084MPBF Datasheet HTML 25Page - International Rectifier IR3084MPBF Datasheet HTML 26Page - International Rectifier IR3084MPBF Datasheet HTML 27Page - International Rectifier IR3084MPBF Datasheet HTML 28Page - International Rectifier IR3084MPBF Datasheet HTML 29Page - International Rectifier IR3084MPBF Datasheet HTML 30Page - International Rectifier IR3084MPBF Datasheet HTML 31Page - International Rectifier IR3084MPBF Datasheet HTML 32Page - International Rectifier IR3084MPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
IR3084
Page 29 of 45
07/20/2005
IR3086 EXTERNAL COMPONENTS
PWM Ramp Resistor RPWMRMP and Capacitor CPWMRMP
PWM ramp is generated by connecting the resistor RPWMRMP between a voltage source and PWMRMP pin as
well as the capacitor CPWMRMP between PWMRMP and LGND. Choose the desired PWM ramp magnitude
VRAMP and the capacitor CPWMRMP in the range of 100pF and 470pF, and then calculate the resistor RPWMRMP
from Equation (18). To achieve feed−forward voltage mode control, the resistor RRAMP should be connected to
the input of the converter.
)]
PWMRMP
V
DAC
V
IN
ln(V
)
DAC
V
IN
*[ln(V
PWMRMP
*C
SW
*f
IN
V
O
V
PWMRMP
R
−
−
−
−
=
(18)
Inductor Current Sensing Capacitor CCS+ and Resistors RCS+ and RCS−
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS+ and capacitor
CCS+ in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage
across the capacitor CCS+ represents the inductor current. If the two time constants are not the same, the AC
component of the capacitor voltage is different from that of the real inductor current. The time constant mismatch
does not affect the average current sharing among the multiple phases, but affect the current signal ISHARE as
well as the output voltage during the load current transient if adaptive voltage positioning is adopted.
Measure the inductance L and the inductor DC resistance RL. Pre−select the capacitor CCS+ and calculate RCS+
as follows.
+
+ =
CS
L
CS
C
R
L
R
(19)
The bias current flowing out of the non-inverting input of the current sense amplifier creates a voltage drop across
RCS+, which is equivalent to an input offset voltage of the current sense amplifier. The offset affects the accuracy
of converter current signal ISHARE as well as the accuracy of the converter output voltage if adaptive voltage
positioning is adopted. To reduce the offset voltage, a resistor RCS− should be added between the amplifier
inverting input and the converter output. The resistor RCS− is determined by the ratio of the bias current from the
non-inverting input and the bias current from the inverting input.
+
−
+
−
∗
=
CS
CSIN
CSIN
CS
R
I
I
R
(20)
If RCS− is not used, RCS+ should be chosen so that the offset voltage is small enough. Usually RCS+ should be
less than 2 k
and therefore a larger CCS+ value is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com