Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBB340-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACDBB340-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBB340-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACDBB340-HF Datasheet HTML 1Page - Comchip Technology ACDBB340-HF Datasheet HTML 2Page - Comchip Technology ACDBB340-HF Datasheet HTML 3Page - Comchip Technology ACDBB340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AQW-JB034
Page 3
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Barrier Diode
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Reel Taping Specification
D
D1
D2
W1
W2
Index hole
A
B
C
d
E
F
P0
P1
P
T
W
DO-214AA
(SMB)
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
E
1.50 ± 0.10
330.00 ± 2.00
50.00 Min.
13.50 ± 1.00
1.75 ± 0.10
0.059 ± 0.004 12.992 ± 0.079
1.969 Min.
0.531 ± 0.039 0.069 ± 0.004
4.00 Max.
5.90 Max.
3.00 Max.
0.157 Max.
0.232 Max.
0.118 Max.
DO-214AA
(SMB)
SYMBOL
(mm)
(inch)
F
P0
P1
P
T
W
W1
W2
5.50 ± 0.05
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
0.60 Max.
12.00 ± 0.30
18.40 Max.
0.217 ± 0.002 0.315 ± 0.004 0.157 ± 0.004
0.079 ± 0.002
0.024 Max.
0.472 ± 0.012
0.724 Max.
14.40 Max.
0.567 Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com