Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBB340-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBB340-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBB340-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBB340-HF Datasheet HTML 1Page - Comchip Technology ACDBB340-HF Datasheet HTML 2Page - Comchip Technology ACDBB340-HF Datasheet HTML 3Page - Comchip Technology ACDBB340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACDBB340-HF Thru. ACDBB3150-HF
°C/W
Peak forward surge current, 8.3ms single half
Parameter
Symbol
Unit
Max. Average forward rectified current
VRRM
VRMS
VDC
IF
VF
IFSM
IR
Cj
TJ
3
80
0.5
V
V
V
A
A
V
mA
°C
0.85
TSTG
-55 to +150
°C
-55 to +125
pF
0.50
0.70
Max. Instantaneous forward voltage
IF=3A @ 25°C
Operating temperature range
Storage temperature range
Typical junction capacitance (Note 1)
sine-wave superimposed on rated load
Max. Repetitive peak reverse voltage
Max. RMS voltage
Max. DC blocking voltage
Max. DC reverse current @Tj=25°C
at rated DC blocking voltage @Tj=100°C
150
10
Typical thermal resistance (Note 2)
RθJC
40
40
28
60
60
42
100
100
70
0.2
5
100
35
-55 to +150
Reverse Voltage: 40 to 150 Volts
Forward Current: 3.0 Amp
RoHS Device
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
Mechanical data
- Case: DO-214AA / SMB, molded plastic.
- Polarity: Color band denotes cathode end.
- Epoxy: UL flammability classification rate 94V-0 .
Halogen free
Circuit Diagram
Maximum Ratings (at TA=25°C unless otherwise noted)
AQW-JB034
Page 1
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Barrier Diode
Note: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Device mounted on FR4 substrate, 0.4“ x 0.5" , 2oz, single-sided, PC boards with 0.2" x 0.25" copper pad.
ACDBB3150-HF
ACDBB3100-HF
ACDBB360-HF
ACDBB340-HF
150
150
105
0.87
80
Features
- AEC-Q101 Qualified.
SMB/DO-214AA
Dimensions in inches and (millimeter)
0.087(2.20)
0.075(1.90)
0.155(3.94)
0.130(3.30)
0.191(4.85)
0.160(4.06)
0.012(0.30)
0.006(0.15)
0.100(2.55)
0.084(2.13)
0.060(1.52)
0.030(0.75)
0.010(0.25)
Max
0.220(5.59)
0.200(5.07)
- High surge current capability.
- Low reverse current.
- High current capability.


Similar Part No. - ACDBB340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBB2100-HF COMCHIP-ACDBB2100-HF Datasheet
109Kb / 4P
SMD Schottky Barrier Rectifiers
REV: A
ACDBB260-HF COMCHIP-ACDBB260-HF Datasheet
109Kb / 4P
SMD Schottky Barrier Rectifiers
REV: A
ACDBB540-HF COMCHIP-ACDBB540-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBB560-HF COMCHIP-ACDBB560-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBB340-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com