Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBB340-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACDBB340-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBB340-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACDBB340-HF Datasheet HTML 1Page - Comchip Technology ACDBB340-HF Datasheet HTML 2Page - Comchip Technology ACDBB340-HF Datasheet HTML 3Page - Comchip Technology ACDBB340-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AQW-JB034
Page 4
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
ACDBB360-HF
360
ACDBB3100-HF
3100
Suggested PAD Layout
Standard Packaging
SMD Schottky Barrier Diode
Marking Code
C
XXX
Comchip logo
PKG
SMA
SMB
SMC
A
B
C
Product type marking code
Package:
OO X
X
Schottky Diode
Special code
Blank
L
LL
oo
SL
Others
Low VF
Ultra Low VF
Super Low VF
B
XXX/XXXX = Product type marking code
Part Number
Marking Code
ACDBB340-HF
340
A
D
B
C
E
SIZE
(inch)
0.268
(mm)
6.80
1.80
2.30
0.071
0.091
2.50
0.098
B
C
D
A
DO-214AA(SMB)
4.30
0.169
E
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AA
(SMB)
ACDBB3150-HF
3150
Cathode band



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com