Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # LLC
Description  FROST PROTECTION THERMOSTAT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

LLC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  LLC Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-LLCXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
FROST PROTECTION THERMOSTAT
LLC SERIES
PRODUCT DESCRIPTION
The LLC series frost protection thermostats provide a
switched output based on the average temperature
detected along a six meter (20 foot) capillary sensor.
The unit is fixed across a duct using capillary
mounting clips, downstream of the frost coil and is
used to prevent the icing up of filters, fans, and coils.
SENSOR TYPE
Vapor-filled copper capillary, tin plated
PROBE
2mm (5/64”) diameter, 6.1m (20’) length
AMBIENT RANGE
-51 to 71°C (-60 to 160°F), operating
149°C (300°F) maximum at sensing element
RESPONSE
To lowest temperature sensed by any 30cm (1’) section of capillary element
CONTROL RANGE
+1.7 to +20°C (35 to 68°F)
DIFFERENTIAL
2.5°C (4.5°F)
SWITCH ACTION
SPDT, snap acting
ELECTRICAL RATINGS
24 F.L.A. inductive @ 120/240 Vac
144 L.R.A. inductive @ 120/240 Vac
2 HP @ 120 Vac, 3HP @ 240 Vac
720 VA max pilot duty @ 120-600 Vac
144 VA max pilot duty @ 24 Vac
ENCLOSURE
Plated steel case; plastic cover IP23 (NEMA 1)
DIMENSIONS
75mm H x 85mm W x 40mm D (2.94” x 3.35” x 1.57”)
COUNTRY OF ORIGIN
USA
SPECIFICATIONS
PRODUCT
LLC-306
LLC-307
SPDT AUto reset frost protection thermostat
SPDT Manual Reset frost protection thermostat
OPTIONS
LLC-CLIPS Capillary mounting clips
ORDERING
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
1
2
4
Range
Adjustment
5mm (3/16”) DIA.
MTG. Holes (2)
Test Lever
Ground Terminal
22mm (7/8”) DIA. Knockout
MTG. Hole
5mm X 11mm
(3/16” x 7/16”)
Reset Button
(Manual Reset Model)


Similar Part No. - LLC

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LLC LINKCOM-LLC Datasheet
732Kb / 6P
Power Supply
logo
Inventronics Inc.
LLC-012S035RSP INVENTRONICS-LLC-012S035RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S050RSP INVENTRONICS-LLC-012S050RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012S070RSP INVENTRONICS-LLC-012S070RSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
LLC-012SXXXRSP INVENTRONICS-LLC-012SXXXRSP Datasheet
154Kb / 7P
12W Constant Current IP20 Driver
Rev. F
More results

Similar Description - LLC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11052 TOKO-TK11052 Datasheet
124Kb / 12P
THERMOSTAT IC
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
LOW POWER THERMOSTAT
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
DIGITAL THERMOSTAT
logo
Omron Electronics LLC
E5LC1 OMRON-E5LC1 Datasheet
977Kb / 12P
Electronic Thermostat E5L
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
Factory Preset Thermostat
logo
Laird Tech Smart Techno...
LL-210-24-00-00-00 LSTD-LL-210-24-00-00-00 Datasheet
83Kb / 2P
for overheating protection the cooler is equipped with a bimetal thermostat
DL-060-12-00-00-00 LSTD-DL-060-12-00-00-00 Datasheet
160Kb / 2P
for overheating protection the cooler is equipped with a bimetal thermostat
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
Thermostat
logo
STEGO Elektrotechnik Gm...
KTO-011 STEGO-KTO-011 Datasheet
244Kb / 1P
SMALL COMPACT THERMOSTAT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com