Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THOB Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THOB
Description  OUTSIDE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THOB Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THOB Datasheet HTML 1Page - Greystone Energy Systems Inc. THOB Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE HIGH LIMIT THERMOSTAT
THOB SERIES
PRODUCT DESCRIPTION
The single point outside air high limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/NC)
with an adjustable setpoint. All probes are
constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. A sun and windshield is integrated into
a hinged and gasketed weatherproof Polycarbonate
enclosure is provided for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside temperature transmitter should be
mounted on an outside North facing wall, under
the eaves which will provide protection from
direct sunlight.
The outside temperature sensor can be mounted
directly to the building’s wall face using the
provided mounting holes. There is one 0.85” hole
for conduit connection.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-10 to 50°C (14 to 122°F)
PROBE MATERIAL
Stainless steel
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 60°C (100 to 140°C)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
116.5 mm
4.585"
0.5" NPT
53.7 mm
2.115"
92 mm
3.62"
38mm
1.5"
112.5 mm
4.43"
99.7 mm
3.925"
132 mm
5.19"
139.7 mm
5.5"
North
OSA Temperature
Sensor


Similar Part No. - THOB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
THO-3-1/4-B FESTO-THO-3-1/4-B Datasheet
92Kb / 1P
Finger lever valve
4/10/22
logo
Greystone Energy System...
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
More results

Similar Description - THOB

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com