Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # THOS
Description  OUTSIDE HIGH LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

THOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  THOS Datasheet HTML 1Page - Greystone Energy Systems Inc. THOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE HIGH LIMIT THERMOSTAT
THOS SERIES
PRODUCT DESCRIPTION
The outside high limit thermostat incorporates
a precision thermistor temperature sensor and
provides a Form C relay output (NO/NC) with an
adjustable setpoint. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed weatherproof Polycarbonate
enclosure is included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside high limit thermostat should be
mounted on an outside North facing wall, under
the eaves which will provide protection from direct
sunlight.
The outside high limit thermostat can be mounted
directly to the building’s wall face using the
provided mounting holes. There is one 0.85” hole
for conduit connection.
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-10 to 50°C (14 to 122°F)
PROBE MATERIAL
Machined aluminum
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature rise
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
38 to 60°C (100 to 140°C)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
North
OSA Temperature
Sensor
99.7 mm
3.96"
116.8 mm
4.6"
112.5 mm
4.43"
53.98 mm
2.125"


Similar Part No. - THOS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
THO-3-1/4-B FESTO-THO-3-1/4-B Datasheet
92Kb / 1P
Finger lever valve
4/10/22
logo
Greystone Energy System...
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
More results

Similar Description - THOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THAP GREYSTONE-THAP Datasheet
286Kb / 2P
ALL PURPOSE HIGH LIMIT THERMOSTAT
THDR GREYSTONE-THDR Datasheet
267Kb / 2P
RIGID DUCT AVERAGE HIGH LIMIT THERMOSTAT
THFL GREYSTONE-THFL Datasheet
269Kb / 2P
FLYING LEAD HIGH LIMIT THERMOSTAT
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDF GREYSTONE-TLDF Datasheet
276Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE HIGH LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com