Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS12 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS12
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS12 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS12 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS12
RoHS
Compliant
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev. 1: 10-10-19
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.2 x 1.0 x 0.33mm)
FEATURES:
•
THE WORLD’S SMALLEST QUARTZ CRYSTAL UNIT
••••
AEC-Q200 COMPLIANT SPEC AVAILABLE UPON REQUEST
••••
SUITABLE FOR ROHS REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
36.000MHz ~ 80.000MHz
FREQUENCY TOLERANCE @ 25°C
±7ppm ~ 50ppm (See P/N guide for other options)
FREQUENCY STABILITY
±10ppm ~ 50ppm (See P/N guide for other options)
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 125°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-55°C ~ 125°C
LOAD CAPACITANCE
5pF, 6pF, 7pF (See P/N guide, other option available)
SHUNT CAPACITANCE
7.0pF max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
DRIVE LEVEL
100µW max.
AGING @ 25°C ± 3°C
±3.0ppm / 1
st year max.
EQUIVALENT SERIES RESISTANCE
36.000MHz - 40.000MHz:
150Ω max.
40.001MHz - 48.000MHz:
80Ω max.
48.001MHz - 80.000MHz:
60Ω max.
OPERATION MODE
AT Cut, Fundamental
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit :mm
1
Xtal
2
GND
3
Xtal
4
GND
Pin Configuration
Unit : mm
1.20
1
2
3
4
Marking
0.4
0.5
0.8
0.7
Mode
F: Fundamental
Stability
50: ± 50ppm 30: ± 30ppm
20: ± 25ppm 15: ± 15ppm
10: ± 10ppm
XX: Two digit for Stability
Load
Capacitance
05: 5.0pF
06: 6.0pF
07: 7.0pF
*consult for other
options
Other Options
TR: Tape and reel
5000pcs/reel
Tolerance @ 25°C
50: ± 50ppm 30: ± 30ppm
25: ± 25ppm 15: ± 15ppm
10: ± 10ppm 07: ± 7ppm
XX: Two digit for Tolerance
Operating Temperature
Frequency
M: MHz
CS12
36.000M
HM
50
F
05
50
TR
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
0.33max.
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
4
1
2
3
0.3
0.4


Similar Part No. - CS12

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS12 TOKEN-CS12 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS12 ETC-CS12 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
TDK Electronics
CS12-F2GA472MYGSA TDK-CS12-F2GA472MYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS12-F2GA472MYNSA TDK-CS12-F2GA472MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS12-F2GA472MYVSA TDK-CS12-F2GA472MYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CS12

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com