Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2012J Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # CS2012J
Description  MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

CS2012J Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  CS2012J Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
CS2012J
RoHS
Compliant
Transko Cal Crystal Comclok 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Rev.0: Sep. 2019
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
FEATURES:
•
SMALL SIZE CERAMIC SMD PACKAGE 32.768kHz
••••
4 PADS PACKAGE
••••
-40°C ~ 85°C OPERATING TEMPERATURE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY
32.768kHz
FREQUENCY TOLERANCE @ 25°C ± 3°C
±20ppm, ±50ppm
TEMPERATURE COEFFICIENT
-0.033ppm / ºC
2 typ., -0.040ppm / ºC2 max.
OPERATING TEMPERATURE RANGE
-40°C ~ +85°C
STORAGE TEMPERATURE RANGE
-55°C ~ +125°C
TURN OVER TEMPERATURE
25°C ± 5°C
LOAD CAPACITANCE
12.5pF, 9.0pF, 7.0pF, 6.0pF
SHUNT CAPACITANCE
0.8pF typ. 1.5pF max.
EQUIVALENT SERIES RESISTANCE
75kΩ max.
DRIVE LEVEL
0.1µW typ., 1.0µW max.
AGING @ 25°C ± 3°C
±3.0ppm/ 1
st year max.
INSULATION RESISTANCE
500MΩ min. @ 100VDC ± 15VDC
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
1
Xtal
3
Xtal
Pin Configuration
Marking
2.05±0.5
Unit : mm
0.495
2
0.9
■ REFLOW PROFILE
Unit :mm
■ TEMPERATURE COEFFICIENT
CS2012J
32.768K
TR
Load Capacitance
Blank: 12.5pF
9:
9pF
7:
7pF
6:
6pF
Frequency
32.768kHz
Other Options
TR: Tape and reel
A
Tolerance @ 25°C
A: ±20ppm
B: ±50ppm
C: ±10ppm
Note: Consult factory for detail
Soldering
260 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Product series
4
3
1
2
1
4
3


Similar Part No. - CS2012J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS2012 ETC-CS2012 Datasheet
3Mb / 7P
Typical Performance Characteristics
logo
Transko Electronics, In...
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
logo
CUI INC
CS20120B CUI-CS20120B Datasheet
340Kb / 4P
CURRENT SENSOR
logo
Same Sky Devices
CS20120B SAMESKY-CS20120B Datasheet
332Kb / 4P
CURRENT SENSOR
09/12/2024
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
More results

Similar Description - CS2012J

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K124 FOX-K124 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com