Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGT67F-R1T1-24 Datasheet(PDF) 10 Page - ams AG

Part # LGT67F-R1T1-24
Description  First SMT LED with integrated reflector.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LGT67F-R1T1-24 Datasheet(HTML) 10 Page - ams AG

Back Button LGT67F-R1T1-24 Datasheet HTML 6Page - ams AG LGT67F-R1T1-24 Datasheet HTML 7Page - ams AG LGT67F-R1T1-24 Datasheet HTML 8Page - ams AG LGT67F-R1T1-24 Datasheet HTML 9Page - ams AG LGT67F-R1T1-24 Datasheet HTML 10Page - ams AG LGT67F-R1T1-24 Datasheet HTML 11Page - ams AG LGT67F-R1T1-24 Datasheet HTML 12Page - ams AG LGT67F-R1T1-24 Datasheet HTML 13Page - ams AG LGT67F-R1T1-24 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LG T67F
10 Version 1.1 | 2018-06-18
5D110
020406080
100
TS [°C]
0
10
20
30
40
50
IF [mA]
: TA
Max. Permissible Forward Current
I
F = f(T)
5P100
10-5 10-4 10-3 0.01 0.11
10
Duty Cycle[s]
0.04
0.06
0.08
0.10
IF [A]
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
5P25-78.2
10-5 10-4 10-3 0.01 0.11
10
Duty Cycle[s]
0.06
0.08
0.10
IF [A]
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com