Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGT67F-R1T1-24 Datasheet(PDF) 11 Page - ams AG

Part # LGT67F-R1T1-24
Description  First SMT LED with integrated reflector.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LGT67F-R1T1-24 Datasheet(HTML) 11 Page - ams AG

Back Button LGT67F-R1T1-24 Datasheet HTML 7Page - ams AG LGT67F-R1T1-24 Datasheet HTML 8Page - ams AG LGT67F-R1T1-24 Datasheet HTML 9Page - ams AG LGT67F-R1T1-24 Datasheet HTML 10Page - ams AG LGT67F-R1T1-24 Datasheet HTML 11Page - ams AG LGT67F-R1T1-24 Datasheet HTML 12Page - ams AG LGT67F-R1T1-24 Datasheet HTML 13Page - ams AG LGT67F-R1T1-24 Datasheet HTML 14Page - ams AG LGT67F-R1T1-24 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LG T67F
11 Version 1.1 | 2018-06-18
Dimensional Drawing 9)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Approximate Weight:
34.0 mg
Package marking:
Cathode
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter then IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com