Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGT67F-R1T1-24 Datasheet(PDF) 1 Page - ams AG

Part # LGT67F-R1T1-24
Description  First SMT LED with integrated reflector.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LGT67F-R1T1-24 Datasheet(HTML) 1 Page - ams AG

  LGT67F-R1T1-24 Datasheet HTML 1Page - ams AG LGT67F-R1T1-24 Datasheet HTML 2Page - ams AG LGT67F-R1T1-24 Datasheet HTML 3Page - ams AG LGT67F-R1T1-24 Datasheet HTML 4Page - ams AG LGT67F-R1T1-24 Datasheet HTML 5Page - ams AG LGT67F-R1T1-24 Datasheet HTML 6Page - ams AG LGT67F-R1T1-24 Datasheet HTML 7Page - ams AG LGT67F-R1T1-24 Datasheet HTML 8Page - ams AG LGT67F-R1T1-24 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LG T67F
1 Version 1.1 | 2018-06-18
Produktdatenblatt | Version 1.1
www.osram-os.com
LG T67F
TOPLED®
First SMT LED with integrated reflector. With our
great experience on SMT LED we are able to offer a
high quality product for all kind of applications.
Applications
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Interior Illumination e.g. Ambient Map
—
White Goods
Features:
—
Package: white PLCC-2 package, colorless clear resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 570 nm (● green)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LGT67F-R1T1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGT67F OSRAM-LGT67F Datasheet
921Kb / 20P
Hinterleuchtung
More results

Similar Description - LGT67F-R1T1-24

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M1 ROHM-SML-M1 Datasheet
1Mb / 4P
Compact LED with reflector
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
Compact LED with reflector
logo
ams AG
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.2 2023-07-20
LOT67D AMSCO-LOT67D Datasheet
1Mb / 22P
TOPLED, SMT LED with integrated reflector.
Version 1.7 2019-07-15
LPT670 AMSCO-LPT670 Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.1 2018-04-03
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
SMT LED with integrated reflector.
Version 1.2 2023-07-25
LRT67F AMSCO-LRT67F Datasheet
1Mb / 22P
First SMT LED with integrated reflector.
Version 1.2 2019-09-24
LRT68F AMSCO-LRT68F Datasheet
1Mb / 21P
First SMT LED with integrated reflector.
Version 1.4 2023-04-17
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
LYT68B AMSCO-LYT68B Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.2 2018-05-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com