Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7618
Description  Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7618 Datasheet HTML 1Page - Sipex Corporation SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation SP7618 Datasheet HTML 7Page - Sipex Corporation SP7618 Datasheet HTML 8Page - Sipex Corporation SP7618 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
BLOCK DIAGRAM
Vcc must be always higher than LED pin voltage (Vled)
After 4s at current higher than 266 mA
Power MOSFET leakage current
Three initial Iled current steps are higher than other 28
Iled
Variations from specified Iled value
Iled
Variations per volt Vcc change
Iled
Variations at Vled change from  to 2.5V
5% change of ILED compared with ILED value at Vled = V
Iled
= 00 mA settles 50µs later after 3rd pulse
Logic HIGH level should never exceed Vcc voltage
Delay between applying Vcc voltage and operating condition
PIN ASSIGNMENTS
Pin
#
Pin
Name
Pin Function
 - 2
LED
LED Current Sink. Connect LED cathode to this pin. Voltage at this pin
should be above 00 mV to maintain regulation.
3
Vcc
Power Supply Input. Place µF decoupling capacitor next to this pin.
4
EN
Enable/Shutdown pin used to enable/disable driver and reset DAC: Logic
High – enable, Logic Low – disable/reset.
5
CTRL DAC Serial Input pin is used to control LED current. Positive pulse edges
sequentially increase LED current with 33.33mA steps up to 033 mA (3
steps). When this pin is held LOW for longer than 00µs the part enters
Sleep Mode.
6
GND
Ground pin for control and bias blocks.
7 - 8 GNDP Ground pin. LED current flows through this pin to ground.
.
2.
3.
4.
5.
6.
7.
8.
9.
0.
.
Notes (Continued from previous page)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com