Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7618
Description  Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7618 Datasheet HTML 1Page - Sipex Corporation SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation SP7618 Datasheet HTML 7Page - Sipex Corporation SP7618 Datasheet HTML 8Page - Sipex Corporation SP7618 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image

Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
SP7618
Solved by
TM
The SP768 is a linear, low-side constant-current driver designed to drive high power LEDs
from an input voltage rail. The driver acts as a current source, ensuring constant LED current
for a range of input voltages. The SP768 allows implementing the lowest cost LED driver
for a variety of applications. Internal circuitry maintains the preset constant current output
for a wide voltage range at the LED input. The LED current can be adjusted up to 033mA
with an external clock applied to the CTRL pin. The built-in thermal protection automatically
stops LED current to prevent overheating. A timeout function serves as a failsafe, shutting
down the output for currents greater than 266mA after 4 seconds of continuous operation if
the enable input is not cycled. The part can be shut down by using the EN pin, or sent into
Sleep Mode holding the CTRL pin low for more than 00µS.
FEATURES
Very low dropout voltage (00mV @ A)
Accurate current regulation down to dropout
voltage
No external components
Built-in current DAC
Output current adjustable with 33.3 mA/steps
Power-saving shutdown mode of µA
Fast turn-on (<50µs)
Timeout function to protect the LED
Thermal Shutdown protection
A current capability
RoHS compliant, Lead Free packaging:
Space saving 2mmx3mm 8pin DFN
■
■
■
■
■
■
■
■
■
■
■
Constant Current LED Driver
APPLICATIONS
Next Generation Mobile Phones
PDA, DSC, MP3 Players
Handheld Computers
LCD Display Modules
Keyboard Backlight
■
■
■
■
■
SP7618
8 Pin DFN
8
7
6
5
1
2
3
4
GNDP
GNDP
GND
CTRL
LED
EN
LED
VCC
TYPICAL APPLICATION CIRCUIT
GENERAL DESCRIPTION


Similar Part No. - SP7618

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7618EB SIPEX-SP7618EB Datasheet
87Kb / 6P
Evaluation Board Manual
SP7618ER-L/TR SIPEX-SP7618ER-L/TR Datasheet
87Kb / 6P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
More results

Similar Description - SP7618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com