Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9603CS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9603CS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603CS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9603CS Datasheet HTML 1Page - Richtek Technology Corporation RT9603CS Datasheet HTML 2Page - Richtek Technology Corporation RT9603CS Datasheet HTML 3Page - Richtek Technology Corporation RT9603CS Datasheet HTML 4Page - Richtek Technology Corporation RT9603CS Datasheet HTML 5Page - Richtek Technology Corporation RT9603CS Datasheet HTML 6Page - Richtek Technology Corporation RT9603CS Datasheet HTML 7Page - Richtek Technology Corporation RT9603CS Datasheet HTML 8Page - Richtek Technology Corporation RT9603CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9603
Preliminary
4
DS9603-00
November 2003
www.richtek.com
Absolute Maximum Ratings (Note 1)
Electrical Characteristics
(Recommended Operating Conditions, TA = 25°C unless otherwise specified)
Recommended Operating Conditions (Note 3)
l
Supply Voltage, VCC ------------------------------------------------------------------------------------------------- 12V ±10%
l
Ambient Temperature Range ------------------------------------------------------------------------------------- 0
°C to 70°C
l
Junction Temperature Range ------------------------------------------------------------------------------------ 0
°C to 125°C
l
Supply Voltage (VCC) ------------------------------------------------------------------------------------ 15V
l
BST to SW ------------------------------------------------------------------------------------------------ 15V
l
SW to GND -----------------------------------------------------------------------------------------------
−4V to 15V
l
PWM Input Voltage ------------------------------------------------------------------------------------- GND - 0.3V to 7V
l
DRVH ------------------------------------------------------------------------------------------------------ VSW - 0.3V to VBST + 0.3V
l
DRVL ------------------------------------------------------------------------------------------------------- GND - 0.3V to VVCC + 0.3V
l
Package Thermal Resistance
SOP-8,
θJA ------------------------------------------------------------------------------------------------ 67°C/W
l
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------ 260
°C
l
Storage Temperature Range -------------------------------------------------------------------------
−40°C to 150°C
l
ESD Susceptibility (Note 2)
HBM -------------------------------------------------------------------------------------------------------- 2kV
Parameter
Symbol
Test Conditions
Min
Typ
M ax
Units
VCC Supply Current
Power Supply Current
IVCC
VBST = 12V, VPWM_IN = 0V
--
5
7
mA
Power-On Reset
POR Threshold
VVCCRTH
VCC Rising
8.6
9.9
10.7
V
Hysteresis
VVCCHYS
--
1.35
--
V
PWM Input
Input Current
IPWM_IN
VPWM_IN = 0V or 5V
80
127
150
µA
Floating Voltage
VPWMFL
VCC = 12V
1.1
2.1
3.7
V
VPWMRTH
PW M_IN Rising
3.3
3.7
4.3
V
PW M_IN Threshold
VPWMFTH
PW M_IN Falling
1.0
1.26
1.5
V
DRVH Rise Tim e
TRDRVH
VVCC = 12V, 3nF load
--
30
--
ns
DRVH Fall Time
TFDRVH
VVCC= 12V, 3nF load
--
40
--
ns
DRVL Rise Tim e
TRDRVL
VVCC= 12V, 3nF load
--
30
--
ns
DRVL Fall Time
TFDRVL
VVCC = 12V, 3nF load
--
30
--
ns
DRVH Turn-Off Propagation Delay
TPDDRVH
VVCC = 12V, 3nF load
--
40
--
ns
DRVL Turn-Off Propagation Delay
TPDDRVL
VVCC = 12V, 3nF load
--
35
--
ns
Shutdown W indow
1.0
--
4.3
V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com