Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9603CS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9603CS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603CS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9603CS Datasheet HTML 2Page - Richtek Technology Corporation RT9603CS Datasheet HTML 3Page - Richtek Technology Corporation RT9603CS Datasheet HTML 4Page - Richtek Technology Corporation RT9603CS Datasheet HTML 5Page - Richtek Technology Corporation RT9603CS Datasheet HTML 6Page - Richtek Technology Corporation RT9603CS Datasheet HTML 7Page - Richtek Technology Corporation RT9603CS Datasheet HTML 8Page - Richtek Technology Corporation RT9603CS Datasheet HTML 9Page - Richtek Technology Corporation RT9603CS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RT9603
Preliminary
9
DS9603-00
November 2003
www.richtek.com
Over-Voltage Protection Function at Power-On
An unique feature of the RT9603 driver is the addition of
over-voltage protection in the event of upper MOSFET
direct shorted before power-on. The RT9603 detects the
fault condition during initial start-up, the internal power-
on OVP sense circuitry will rapidly drive the output lower
MOSFET on before the multi-phase PWM controller takes
control.
Figure 6 shows the measured waveforms with the high
side MOSFET directly shorted to 12V.
Please note that the VCC trigger point to RT9603 is at
3V, and the clamped level on SW pin is at about 2.4V.
Obviously since the SW pin voltage increases during
initial start-up, the VCORE increases correspondingly, but
it would quickly drop-off followed by DRVL and VCC
decreased.
Figure 6. Waveforms at High Side MOSFET Shorted
VCC
SW
DRVL
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com