Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9603CS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9603CS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603CS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9603CS Datasheet HTML 1Page - Richtek Technology Corporation RT9603CS Datasheet HTML 2Page - Richtek Technology Corporation RT9603CS Datasheet HTML 3Page - Richtek Technology Corporation RT9603CS Datasheet HTML 4Page - Richtek Technology Corporation RT9603CS Datasheet HTML 5Page - Richtek Technology Corporation RT9603CS Datasheet HTML 6Page - Richtek Technology Corporation RT9603CS Datasheet HTML 7Page - Richtek Technology Corporation RT9603CS Datasheet HTML 8Page - Richtek Technology Corporation RT9603CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9603
Preliminary
5
DS9603-00
November 2003
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output
Upper Drive Source
RDRVH
VVCC = 12V
--
2
--
Ω
Upper Drive Sink
RDRVH
VVCC = 12V
--
2.8
--
Ω
Lower Drive Source
RDRVL
VVCC = 12V
--
1.9
--
Ω
Lower Drive Sink
RDRVL
VVCC = 12V
--
1.6
--
Ω
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended. The human body model is a 100pF capacitor discharged
through a 1.5k
Ω resistor into each pin.
Note 3. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com