Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2450 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2450 Datasheet HTML 12Page - Semtech Corporation SC2450 Datasheet HTML 13Page - Semtech Corporation SC2450 Datasheet HTML 14Page - Semtech Corporation SC2450 Datasheet HTML 15Page - Semtech Corporation SC2450 Datasheet HTML 16Page - Semtech Corporation SC2450 Datasheet HTML 17Page - Semtech Corporation SC2450 Datasheet HTML 18Page - Semtech Corporation SC2450 Datasheet HTML 19Page - Semtech Corporation SC2450 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
The control model of SC2450 can be depicted in Fig. 1. This
model can also be used in Spice kind of simulator to generate
loop gain Bode plots.
The bandgap reference is 1 V and
trimmed to +/-1% accuracy. The desired output voltage can
be achieved by setting the resistive divider network, R1 and
R2.
The error amplifier is transconductance type with fixed gain of:
+
-
Vbg
C
R
+
-
Vin
Co
Rc
Ro
L
R2
R1
+
-
Error-Amp
0
0
0
0
0
Gpwm
Verror
Duty
. . . .
G error .
.
V
A
0.002 ⋅
The task here is to properly choose the compensation network
for a nicely shaped loop-gain Bode plot. The following design
procedures are recommended to accomplish the goal:
(1) Calculate the corner frequency of the output filter:
(2) Calculate the ESR zero frequency of the output filter ca-
pacitor:
(3) Check that the ESR zero frequency is not too high.
If this condition is not met, the compensation structure may
not provide loop stability. The solution is to add some electro-
lytic capacitors to the output capacitor bank to correct the
output filter corner frequency and the ESR zero frequency. In
some cases, the filter inductance may also need to be ad-
justed to shift the filter corner frequency. It is not recommended
to use only high frequency multi-layer ceramic capacitors for
output filter.
G pwm
1
V ramp
Ts
() T o
1s R
. C
.
sR
. C
.
.
1s R c
.
C o
.
1s R c C o
.
L
R o
.
s
2
L
. C
o
.
1
R c
R o
.
.
. . . .
T o G error Vin G pwm R
.
R 2
R 1 R 2
.
.
.
. esr
1
2 π
. R c
.
C o
.
. ers
. sw
5
<
. o
1
2 π
.
L C o
.
.
R
1
G pwm V in
.
G error
.
F esr
F o
2
.
F x_over
F esr
.
V o
V bg
.
.x_over
. sw
5
. o . esr
<
. x_over
<
Control Loop Design
Fig. 1. SC2450 control model.
The compensation network includes a resistor and a capacitor
in series, which terminates from the output of the error ampli-
fier to the ground.
This device uses voltage mode control with input voltage feed
forward. The peak-to-peak ramp voltage is proportional to the
input voltage, which results in an excellent performance to re-
ject input voltage variation. The PWM gain is inversion of the
ramp amplitude, and this gain is given by:
where the ramp amplitude (peak-to-peak) is 3 volts when input
voltage is 24 volts.
The total control loop-gain can then be derived as follows:
where
(4) Choose the loop gain cross over frequency (0 dB frequency).
It is recommended that the crossover frequency is always less
than one fifth of the switching frequency or the output ripple
frequency in bi-phase mode operation:
If the transient specification is not stringent, it is better to choose
a crossover frequency that is less than one tenth of the switch-
ing frequency for good noise immunity.
The resistor in the
compensation network can then be calculated as:
when:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com