Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2450 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2450 Datasheet HTML 1Page - Semtech Corporation SC2450 Datasheet HTML 2Page - Semtech Corporation SC2450 Datasheet HTML 3Page - Semtech Corporation SC2450 Datasheet HTML 4Page - Semtech Corporation SC2450 Datasheet HTML 5Page - Semtech Corporation SC2450 Datasheet HTML 6Page - Semtech Corporation SC2450 Datasheet HTML 7Page - Semtech Corporation SC2450 Datasheet HTML 8Page - Semtech Corporation SC2450 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
Electrical Characteristics
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
SV
N
I
4
3V
s
n
i
P
T
S
B
n
o
e
g
a
t
l
o
VV
T
S
B
2
4V
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
)
1
(
2z
H
M
C
C
V
8V
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
2W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
0
8W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
Note:
(1) Maximum frequency and maximum supply voltage could cause excessive power dissipation in the part.
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
N
I
0
10
3V
t
n
e
r
r
u
C
y
l
p
p
u
S0
=
E
L
B
A
N
E0
30
4A
m
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
8
.
5V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
0
0
4V
m
r
o
t
a
l
u
g
e
R
e
g
a
t
l
o
V
e
g
a
t
l
o
V
r
o
t
a
l
u
g
e
R
e
r
P
67
V
e
g
a
t
l
o
V
t
u
o
g
BC
F
E
R
F
n
7
.
4
=9
9
.
01
1
0
.
1V
e
c
n
a
d
e
p
m
I
t
u
o
g
B
3K
Ω
t
n
e
r
r
u
C
k
n
i
S
n
i
P
V
R
D
G
E
RI
V
R
D
G
E
R
5A
m
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
0
1V
m
e
c
n
a
d
e
p
m
I
t
u
p
n
I
5K
Ω
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
a
e
n
i
L
2
0
0
.V
/
A
r
o
t
a
l
l
i
c
s
O
l
a
n
r
e
t
n
I
y
c
n
e
u
q
e
r
FR
F
E
R
K
0
3
=1
z
H
M
y
c
n
e
u
q
e
r
FR
F
E
R
K
0
6
=0
0
5z
H
k
k
a
e
P
o
t
y
e
ll
a
V
p
m
a
RV
N
I
V
2
1
=5
.
1V
k
a
e
P
o
t
y
e
ll
a
V
p
m
a
RV
N
I
V
4
2
=3
V
Unless specified V
IN = 24V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com