Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2450 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2450 Datasheet HTML 1Page - Semtech Corporation SC2450 Datasheet HTML 2Page - Semtech Corporation SC2450 Datasheet HTML 3Page - Semtech Corporation SC2450 Datasheet HTML 4Page - Semtech Corporation SC2450 Datasheet HTML 5Page - Semtech Corporation SC2450 Datasheet HTML 6Page - Semtech Corporation SC2450 Datasheet HTML 7Page - Semtech Corporation SC2450 Datasheet HTML 8Page - Semtech Corporation SC2450 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
Electrical Characteristics (Cont.)
Unless specified V
IN = 24V, TA = 25°C
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
k
c
o
l
C
l
a
n
r
e
t
x
E
e
m
i
T
t
c
e
t
e
Ds
n
0
5
<
e
m
i
T
e
s
i
R2
s
µ
e
m
i
T
k
c
o
l
n
U
0
10
5s
µ
e
g
n
a
R
y
c
n
e
u
q
e
r
F
3
.
01
z
H
M
e
v
i
r
D
e
t
a
G
e
d
i
S
h
g
i
H
e
l
c
y
C
y
t
u
D
x
a
M
5
4%
e
c
r
u
o
S
k
a
e
PC
D
A
O
L
F
n
0
1
=1
A
k
n
i
S
k
a
e
PC
D
A
O
L
F
n
0
1
=1
A
e
v
i
r
D
e
t
a
G
e
d
i
S
w
o
L
e
c
r
u
o
S
k
a
e
PC
D
A
O
L
F
n
0
1
=2
A
k
n
i
S
k
a
e
PC
D
A
O
L
F
n
0
1
=2
A
g
n
i
m
i
T
e
v
i
r
D
c
n
y
S
p
a
l
r
e
v
o
-
n
o
N
n
i
MC
D
A
O
L
V
1
<
e
v
i
r
D
t
e
F
F
n
1
=0
20
5s
n
h
c
t
a
M
M
W
PF
,
e
l
c
y
C
y
t
u
D
%
0
5
C
S
O
z
H
M
1
=1
-1
%
s
n
i
P
t
u
p
n
I
c
i
g
o
L
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
IV
N
I
V
5
-
0
=0
1
-0
1A
µ
d
l
o
h
s
e
r
h
T
c
i
g
o
L
8
.
0V
d
l
o
h
s
e
r
h
T
e
l
b
a
s
i
D
2
B
F
V
C
C
V
7
.
0
-V
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
r
e
v
O
d
l
o
h
s
e
r
h
T
P
C
O
3
0
15
1
17
2
1V
m
t
n
e
r
r
u
C
s
a
i
B
P
/
I
+
C
OV
N
I
V
4
2
=0
0
7A
µ
t
n
e
r
r
u
C
s
a
i
B
P
/
I
-
C
O
0
5A
µ
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
v
O
d
l
o
h
s
e
r
h
T
P
V
O
0
2
1%
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
5
1C
°
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com