Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4100
13
sn4100 4100is
OPERATIO
Purpose: This function allows the SMBus Host to deter-
mine if the battery charger is an LTC4100. Identifying the
manufacturer and version of the Smart Battery Charger
permits software to perform tasks specific to a given
charger. The LTC4100 also provides a means of disabling
the LOWI current mode of the IDAC.
• SMBus Protocol: Write Word.
Input: The NO_LOWI is the only bit recognized by this
function. The default value of NO_LOWI is zero. The
LTC4100 LOWI current mode provides a more accurate
average charge current when the charge current is less
than 1/16 of the full-scale IDAC value. When the NO_LOWI
is set, a less accurate IDAC algorithm is used to generate
the charging current, but because the charger is not
pulsed on and off, it may be preferred.
• SMBus Protocol: Read Word.
Output: The NO_LOWI indicates the IDAC mode of opera-
tion. If clear, then the LOWI current mode will be used
when the charging current is less than 1/16 of the full-
scale IDAC value.
The LTC Version Identification will always be 0x202 for the
LTC4100.
Alert Response Address (ARA)
Description: The SMBus system host uses the Alert
Response Address to quickly identify the generator of an
SMBALERT# event.
Purpose: The LTC4100 will respond to an ARA if the
SMBALERT signal is actively pulling down the SMBALERT#
bus. The LTC4100 will follow the prioritization reporting as
defined in the System Management Bus Specification,
Version 1.1, from the SBS Implementers Forum.
• SMBus Protocol: A 7-bit Addressable Device Re-
sponds to an ARA.
Output: The Device Address will be sent to the SMBus
system host. The LTC4100 Device address is 0x12 (or
0x09 if just looking at the 7-bit address field).
The following events will cause the LTC4100 to pull-down
the SMBALERT# bus through the SMBALERT pin:
• Change of AC_PRESENT in the ChargerStatus() func-
tion.
• Change of BATTERY_PRESENT in the ChargerStatus()
function.
• Setting ALARM_INHIBITED in the ChargerStatus()
function.
• Internal power-on reset condition.
SMBus Accelerator Pull-Ups
Both SCL and SDA have SMBus accelerator circuits which
reduce the rise time on systems with significant capaci-
tance on the two SMBus signals. The dynamic pull-up
circuitry detects a rising edge on SDA or SCL and applies
1mA to 10mA pull-up to VDD when VIN > 0.8V until VIN
< VDD – 0.8V (external pull-up resistors are still required
to supply DC current). This action allows the bus to meet
SMBus rise time requirements with as much as 250pF on
each SMBus signal. The improved rise time will benefit all
of the devices which use the SMBus, especially those
devices that use the I2C logic levels. Note that the dynamic
pull-up circuits only pull to VDD, so some SMBus devices
that are not compliant to the SMBus specifications may
still have rise time compliance problems if the SMBus pull-
up resistors are terminated with voltages higher than VDD.
The Control Block
The LTC4100 charger operations are handled by the
control block. This block is capable of charging the se-
lected battery autonomously or under SMBus Host con-
trol. The control block can request communications with
the system management host (SMBus Host) by asserting
SMBALERT = 0; this will cause the SMBus Host, if present,
to poll the LTC4100.
The control block receives SMBus slave commands from
the SMBus interface block.
The control block allows the LTC4100 to meet the follow-
ing Smart Battery-controlled (Level 2) charger
requirements:
1. Implements the Smart Battery’s critical warning mes-
sages over the SMBus.
2. Operates as an SMBus slave device that responds to
ChargingVoltage() and ChargingCurrent() commands
and adjusts the charger output parameters accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com