Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4100
15
sn4100 4100is
OPERATIO
ues, when there is sufficient DCIN voltage to charge the
battery.
10. Writing a zero value to ChargingVoltage() function.
11. Writing a zero value to ChargingCurrent() function.
The SafetySignal Decoder Block
This block measures the resistance of the SafetySignal
and features high noise immunity at critical trip points. The
low power standby mode supports only battery presence
SMB charger reporting requirements when AC is not
present. The SafetySignal decoder is shown in Figure 4.
The value of RTHA is 1.13k and RTHB is 54.9k.
SafetySignal sensing is accomplished by a state machine
that reconfigures the switches of Figure 4 using THA_SELB
and THB_SELB, a selectable reference generator, and two
comparators. This circuit has two modes of operation
based upon whether AC is present.
When AC is present, the LTC4100 samples the value of the
SafetySignal and updates the ChargerStatus register ap-
proximately every 32ms. The state machine successively
samples the SafetySignal value starting with the RES_OR
≥ RES_COLD threshold, then RES_C0LD ≥ RES_IDEAL
threshold, RES_IDEAL
≥ RES_HOT threshold, and finally
the RES_HOT
≥ RES_UR threshold. Once the SafetySignal
range is determined, the lower value thresholds are not
sampled. The SafetySignal decoder block uses the previ-
ously determined SafetySignal value to provide the appro-
priate adjustment in threshold to add hysteresis. The RTHB
resistor value is used to measure the RES_OR
≥RES_COLD
and RES_COLD
≥ RES_IDEAL thresholds by connecting
the THB pin to VDD and measuring the voltage resultant on
the THA pin. The RTHA resistor value is used to measure
the RES_IDEAL
≥ RES_HOT and RES_HOT ≥ RES_UR
thresholds by connecting the THA pin to VDD and measur-
ing the voltage resultant on the THB pin.
The SafetySignal decoder block uses a voltage divider
network between VDD and GND to determine SafetySignal
range thresholds. Since the THA and THB inputs are
sequentially connected to VDD, this provides VDD noise
immunity during SafetySignal measurement.
When AC power is not available the SafetySignal block
supports the following low power operating features:
1. The SafetySignal is sampled every 250ms or less,
instead of 32ms.
2. A full SafetySignal status is sampled every 30s or less,
instead of every 32ms
The SafetySignal impedance is interpreted according to
Table 4.
RTHA
1.13k
RSafetySignal
RTHB
54.9k
VDD
VDD
4100 F04
THA_SELB
THB_SELB
RES_OR
RES_COLD
RES_H0T
RES_UR
LATCH
SafetySignal
CONTROL
MUX
REF
HI_REF
LO_REF
TH_HI
TH_LO
THA
THB
CSS
VLIM
12.5k
25k
33k
25k
25k
12.5k
RVLIM
VDD
VLIM [3:0]
4100 F05
AC_PRESENT
4
ENCODER
Figure 5. Simplified VLIM Circuit Concept (ILIM is Similar)
Figure 4. SafetySignal Decoder Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com