Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology LTC4100 Datasheet HTML 20Page - Linear Technology LTC4100 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4100
17
sn4100 4100is
OPERATIO
The Current DAC Block
The current DAC is a delta-sigma modulator which con-
trols the effective value of an external resistor, RSET, used
to set the current limit of the charger. Figure 7 is a
simplified diagram of the DAC operation. The delta-sigma
modulator and switch convert the ChargingCurrent() value,
received via the SMBus, to a variable resistance equal to:
1.25RSET/ChargingCurrent()/ILIM[x])
Therefore, programmed current is equal to:
(102.3mV/RSENSE) (ChargingCurrent()/ILIM[x]),
for ChargingCurrent() < ILIM[x].
When a value less than 1/16th of the maximum current
allowed by ILIM is applied to the current DAC input, the
current DAC enters a different mode of operation called
LOWI. The current DAC output is pulse width modulated
with a high frequency clock having a duty cycle value of
1/8. Therefore, the maximum output current provided by
the charger is IMAX/8. The delta-sigma output gates this
low duty cycle signal on and off. The delta-sigma shift
registers are then clocked at a slower rate, about 45ms/bit,
so that the charger has time to settle to the IMAX/8 value.
The resulting average charging current is equal to that
requested by the ChargingCurrent() value.
Note: The LOWI mode can be disabled by setting the
NO_LOWI bit in the LTC0() function.
When wake-up is asserted to the current DAC block, the
delta-sigma is then fixed at a value equal to 80mA, inde-
pendent of the ILIM setting.
Input FET
The input FET circuit performs two functions. It enables
the charger if the input voltage is higher than the CLP pin,
and provides an indication of this condition at both the
CHGEN pin and the PWR_FAIL bit in the ChargerStatus()
register. It also controls the gate of the input FET to keep
a low forward voltage drop when charging and prevents
reverse current flow through the input FET.
If the input voltage is less than VCLP, it must go at least
130mV higher than VCLP to activate the charger. The
CHGEN pin is forced low unless this condition is met. The
gate of the input FET is driven to a voltage sufficient to keep
a low forward voltage drop from drain to source. If the
voltage between DCIN and CLP drops to less than 25mV,
the input FET is turned off slowly. If the voltage between
DCIN and CLP is ever less than –25mV, then the input FET
is turned off quickly to prevent significant reverse current
from flowing in the input FET. In this condition the CHGEN
pin is driven low and the charger is disabled.
IPROG
(FROM CA1 AMP)
4100 F07
RSET
VREF
IDC
CHARGING_CURRENT
VALUE
ITH
∆-∑
MODULATOR
Figure 7. Current DAC Operation
ILIMIT/8
AVERAGE CHARGER CURRENT
4100 F08
~40ms
0
Figure 8. Charging Current Waveform in Low Current Mode
PROGRAMMED VALUE (V)
0
25
20
15
10
5
0
10
20
25
4100 F06
5
15
30
35
RVLIM = 33k
NOTE: THE LTC4100 CAN BE PROGRAMMED WITH ChargingVoltage() FUNCTION VALUES
BETWEEN 1.184V AND 2.9V, HOWEVER, THE BATTERY CHARGER CONTROLLER OUTPUT
VOLTAGE MAY BE ZERO WITH PROGRAMMED VALUES BELOW 2.9V.
Figure 6. Transfer Function of Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com