Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC813 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC813
Description  High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC813 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC813 Datasheet HTML 1Page - Renesas Technology Corp UPC813 Datasheet HTML 2Page - Renesas Technology Corp UPC813 Datasheet HTML 3Page - Renesas Technology Corp UPC813 Datasheet HTML 4Page - Renesas Technology Corp UPC813 Datasheet HTML 5Page - Renesas Technology Corp UPC813 Datasheet HTML 6Page - Renesas Technology Corp UPC813 Datasheet HTML 7Page - Renesas Technology Corp UPC813 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µPC813
R03DS0149EJ0100 Rev.1.00
Page 5 of 7
2019.06.13
0
+5
+10
+15
0
102030
Output Source Current IO SOURCE [mA]
VO+ vs. IO SOURCE
V ± = ±15 V
TA = 70 C
TA = 25 C
TA = -20 C
-15
-10
-5
0
010
20
30
Outout Sink Current IO SINK [mA]
VO- vs. IO SINK
V ± = ±15 V
TA = 70 C
TA = 25 C
TA = -20 C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
±5
±10
±15
±20
Supply Voltage V ± [V]
ICC vs. V ±
0
10
20
30
40
50
10
100
1k
10k
100k
Frequency f [Hz]
en vs. f
V ± = ±15 V
RS = 100Ω
-5
0
5
-5
0
5
00.511.5
2
time, t [μs]
Pulse Response Characteristics
AV = +1
RL = 10 kΩ
CL = 100 pF
V ± = ±15 V
5
0
-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com