Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC813 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC813
Description  High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC813 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC813 Datasheet HTML 1Page - Renesas Technology Corp UPC813 Datasheet HTML 2Page - Renesas Technology Corp UPC813 Datasheet HTML 3Page - Renesas Technology Corp UPC813 Datasheet HTML 4Page - Renesas Technology Corp UPC813 Datasheet HTML 5Page - Renesas Technology Corp UPC813 Datasheet HTML 6Page - Renesas Technology Corp UPC813 Datasheet HTML 7Page - Renesas Technology Corp UPC813 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0149EJ0100 Rev.1.00
Page 1 of 7
2019.06.13
Datasheet
µPC813
High Slew Rate, Low Offset Voltage
J-FET Input Operational Amplifier
DESCRIPTION
μPC813 is a high-speed version of μPC811. The J-FET input operational amplifier features a high-speed PNP
transistor in the output stage for stable operation at a high slew rate of 25V/us with a gain of 1 (full feedback)
The resistor-trimming method proven in other Renesas High-Precision Op-Amp and High-Precision reference
voltage is incorporate in this Op-Amp input stage, thus producing an excellent low offset voltage characteristics
that has surpasses conventional general purpose op-amp in spite of being JFET input.
Under the same series, μPC814, 4094 with the same circuit configuration are also available.
FEATURES
 Input Offset Voltage
±1 mV (TYP.) (±2.5 mV MAX.)
 VIO Temperature Drift
±7 µV/
C (TYP.)
 Input Bias Current
50 pA (TYP.)
 Slew Rate
25 V/µs (TYP.)
 Unity Gain Frequency
6 MHz (TYP.)
 Input Equivalent Noise Voltage Density
19 nV/ Hz (TYP.) (f = 1 kHz)
 Stable operation against capacitive load
(Capacitive Load at 220 pF, AV = +1 )
 Built-In Phase Compensation Circuit
 Built-In Output Short Circuit Protection
 Standard Single Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Ordering Name
Package
μPC813G2-A
8-pin plastic SOP ( 225 mil)
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Top View)
TRIMMED
OFFSET
NULL
OFFSET
NULL
HIGH SPEED
PNP
Q3
Q4
Q1
Q2
Q5
Q8
Q10
Q9
Q6
Q7
C1
D1
IN
II
(2)
(3)
(1)
(5)
(7)
(6)
(4)
V +
V -
OUT
1
OFFSET
NULL
6
V +
II 2
IN
V -
8
OUT
7
4
3
NC
OFFSET
NULL
-+
5
µPC813G2
備考
NC : No Connection
R03DS0149EJ0100
Rev.1.00
2019.06.13
Note


Similar Part No. - UPC813

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
506Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
Rev.2.00 Feb.25.25
logo
NEC
UPC8130TA NEC-UPC8130TA Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC8130TA NEC-UPC8130TA Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPC8130TA RENESAS-UPC8130TA Datasheet
453Kb / 42P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1997
logo
NEC
UPC8130TA-E3 NEC-UPC8130TA-E3 Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
More results

Similar Description - UPC813

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI1-THS4631_14 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
MC33272 UTC-MC33272_17 Datasheet
166Kb / 6P
SINGLE SUPPLY, HIGH SLEW RATE ,LOW INPUT OFFSET VOLTAGE OPERATIONAL
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com