Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC813 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC813
Description  High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC813 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC813 Datasheet HTML 1Page - Renesas Technology Corp UPC813 Datasheet HTML 2Page - Renesas Technology Corp UPC813 Datasheet HTML 3Page - Renesas Technology Corp UPC813 Datasheet HTML 4Page - Renesas Technology Corp UPC813 Datasheet HTML 5Page - Renesas Technology Corp UPC813 Datasheet HTML 6Page - Renesas Technology Corp UPC813 Datasheet HTML 7Page - Renesas Technology Corp UPC813 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPC813
R03DS0149EJ0100 Rev.1.00
Page 2 of 7
2019.06.13
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
PARAMETER
SYMBOL
μPC813G2
UNIT
Supply Voltage Note1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit DurationNote 5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
C
Storage Temperature
Tstg
-55 ~ +125
C
【
Note】
1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be apply within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be apply within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value at TA
≦ +25 C. De-rate value at -4.4 mW/C when TA > 25 C
5. Please use the total loss and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
V ±
±5
±16
V
Load Current
IO
±10
mA
Load Capacitance
(When AV = +1)
CL
220 Note 6
pF
【
Note】
6. This is the value when the feedback resistor (Rf) = 0 Ω. The higher the Rf value, the more likely it is to oscillate
due to the influence of the input capacitance. So connect a capacitor of about 100 pF in parallel with Rf
OFFSET ADJUSTMENT METHOD
Note OFFSET NULL pin should be open or connected to V – via a resistor as shown above. Any connection
other than V – may cause malfunction, characteristics degradation or damage
+
-
V -
5
1
6
2
3
10 kΩ
VR1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com