Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG5411-R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # LG5411-R
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LG5411-R Datasheet(HTML) 5 Page - Infineon Technologies AG

  LG5411-R Datasheet HTML 1Page - Infineon Technologies AG LG5411-R Datasheet HTML 2Page - Infineon Technologies AG LG5411-R Datasheet HTML 3Page - Infineon Technologies AG LG5411-R Datasheet HTML 4Page - Infineon Technologies AG LG5411-R Datasheet HTML 5Page - Infineon Technologies AG LG5411-R Datasheet HTML 6Page - Infineon Technologies AG LG5411-R Datasheet HTML 7Page - Infineon Technologies AG LG5411-R Datasheet HTML 8Page - Infineon Technologies AG LG5411-R Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
2000-03-01
5
OPTO SEMICONDUCTORS
Relative spektrale Emission
I
rel = f (λ), TA = 25 °C, IF = 10 mA
Relative Spectral Emission
V(
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation Characteristic
OHL01102
Vλ
100
400
450
500
550
600
650
700
nm
80
60
40
20
0
%
λ
rel
I
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01642
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com