Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG5411-R Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # LG5411-R
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LG5411-R Datasheet(HTML) 9 Page - Infineon Technologies AG

  LG5411-R Datasheet HTML 1Page - Infineon Technologies AG LG5411-R Datasheet HTML 2Page - Infineon Technologies AG LG5411-R Datasheet HTML 3Page - Infineon Technologies AG LG5411-R Datasheet HTML 4Page - Infineon Technologies AG LG5411-R Datasheet HTML 5Page - Infineon Technologies AG LG5411-R Datasheet HTML 6Page - Infineon Technologies AG LG5411-R Datasheet HTML 7Page - Infineon Technologies AG LG5411-R Datasheet HTML 8Page - Infineon Technologies AG LG5411-R Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
2000-03-01
9
OPTO SEMICONDUCTORS
Lötbedingungen
Soldering Conditions
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
Empfohlenes Lötpaddesign
Wellenlöten (TTW)
Recommended Solder Pad
TTW Soldering
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves
4
OHLP0985



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com