Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG5411-R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # LG5411-R
Description  5 mm (T1 쩐) LED, Non Diffused Super-Bright LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LG5411-R Datasheet(HTML) 7 Page - Infineon Technologies AG

  LG5411-R Datasheet HTML 1Page - Infineon Technologies AG LG5411-R Datasheet HTML 2Page - Infineon Technologies AG LG5411-R Datasheet HTML 3Page - Infineon Technologies AG LG5411-R Datasheet HTML 4Page - Infineon Technologies AG LG5411-R Datasheet HTML 5Page - Infineon Technologies AG LG5411-R Datasheet HTML 6Page - Infineon Technologies AG LG5411-R Datasheet HTML 7Page - Infineon Technologies AG LG5411-R Datasheet HTML 8Page - Infineon Technologies AG LG5411-R Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LS 5421, LO 5411, LY 5421, LG 5411
2000-03-01
7
OPTO SEMICONDUCTORS
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
OHL01162
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
t
P
=
D= 0.005
0.01
0.02
0.05
0.1
0.2
0.5
DC
10 1
5
I
F
t
2
10
3
10
4
10
5
mA
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com