Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MBR3045CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBR3045CT Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MBR3045CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBR3045CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: 1. Thermal resistance from junction to case.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average
forward current
per device
IAV
A
per diode
Peak forward surge current,
8.3ms single half sine-wave
IFSM
A
Typical thermal resistance
(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Maximum forward voltage
at IF=15A
VF
V
Maximum average reverse
IR
0.01
mA
8
TJ=25°C
TJ=125°C
-55 to +150
0.10
15
30
15
40
28
40
45
32
45
60
42
60
100
70
100
150
105
150
200
140
200
280
per leg
0.65
0.75
0.85
0.95
MBR
3040CT
2.0
superimposed on rated load
current at rated DC blocking
voltage
MBR
3045CT
MBR
3060CT
MBR
30100CT
MBR
30150CT
MBR
30200CT
MBR3040CT - MBR30200CT
TO-220AB
Ø3.84
±0.15
10.0±0.2
1.3±0.2
0.8±0.2
2.54±0.1
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN2
PIN 1
PIN 3
PIN 2 &
(case)
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
TO-220AB 1.85 grams
 Circuit figure: Common cathode
Mechanical Data
CURRENT: 30A
Feaures
SCHOTTKY BARRIER RECTIFIERS
 High efficiencty operation
 Low power loss
 High forward surge capability
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Green molding compound as per IEC61249
Std
..
(Halogen Free)
 Low stored charge majority carrier conduction
VOLTAGE RANGE: 40 - 200V
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
1 of 2
www.sunmate.tw


Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com