Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4572C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC4572C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572C Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC4572C Datasheet HTML 1Page - Renesas Technology Corp UPC4572C Datasheet HTML 2Page - Renesas Technology Corp UPC4572C Datasheet HTML 3Page - Renesas Technology Corp UPC4572C Datasheet HTML 4Page - Renesas Technology Corp UPC4572C Datasheet HTML 5Page - Renesas Technology Corp UPC4572C Datasheet HTML 6Page - Renesas Technology Corp UPC4572C Datasheet HTML 7Page - Renesas Technology Corp UPC4572C Datasheet HTML 8Page - Renesas Technology Corp UPC4572C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet G15972EJ6V0DS
2
μPC4572
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V−
Note1
V+
− V−
−0.3 to +15
V
Differential Input Voltage
VID
±10
V
Input Voltage
Note2
VI
V−
− 0.3 to V+ + 0.3
V
Output Voltage
Note3
VO
V−
− 0.3 to V+ + 0.3
V
Power Dissipation
C
Package
Note4
350
mW
G2 Package
Note5
PT
440
mW
Output Short Circuit Duration
Note6
ts
10
sec
Operating Ambient Temperature
TA
−20 to +80
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition
period of supply voltage, power on/off etc., this specification should be kept. The normal operation will
establish when the both inputs are within the Common Mode Input Voltage Range of electrical
characteristics.
3. This specification is the voltage, which should be allowed to supply to the output terminal from external
without damage or destructive. Even during the transition period of supply voltage, power on/off etc., this
specification should be kept. The output voltage of normal operation will be the Output Voltage Swing of
electrical characteristics.
4. Thermal derating factor is
−5.0 mW/°C when ambient temperature is higher than 55°C.
5. Thermal derating factor is
−4.4 mW/°C when ambient temperature is higher than 25°C.
6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4 and
Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V±
±2
±5
±7
V
Supply Voltage (V− = GND)
V+
+4
+5/ +12
+14
V
Output Current
IO
±10
mA
Capacitive Load (AV =
+1)
CL
100
pF
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com