Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4572C Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC4572C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572C Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC4572C Datasheet HTML 5Page - Renesas Technology Corp UPC4572C Datasheet HTML 6Page - Renesas Technology Corp UPC4572C Datasheet HTML 7Page - Renesas Technology Corp UPC4572C Datasheet HTML 8Page - Renesas Technology Corp UPC4572C Datasheet HTML 9Page - Renesas Technology Corp UPC4572C Datasheet HTML 10Page - Renesas Technology Corp UPC4572C Datasheet HTML 11Page - Renesas Technology Corp UPC4572C Datasheet HTML 12Page - Renesas Technology Corp UPC4572C Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet G15972EJ6V0DS
7
μPC4572
0
COMMON MODE INPUT VOLTAGE RANGE
V± - Supply Voltage - V
10
5
0
−5
−10
±5
±10
0
−5
−2.5
2.5
5
VOLTAGE FOLLOWER PULSE RESPONSE
8
6
4
2
0
t - Time - s
μ
V± =
±5 V
AV =
+1
RL = 2 k
Ω
100
10
1
INPUT EQUIVALENT NOISE VOLTAGE (FLAT+JIS A)
10
RS - Source Resistance -
Ω
100 k
100
1 k
10 k
0.1
V± =
±5 V
8
6
4
2
0
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
f - Frequency - Hz
10
100 k
100
1 k
10 k
RS = 100
Ω
V± =
±5 V
TOTAL HARMONIC DISTORTION
f - Frequency - Hz
1
0.1
0.01
0.001
0.0001
10
100 k
100
1 k
10 k
V± =
±5 V
VO = 3 Vr.m.s.
AV =
+1
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com