Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4572C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC4572C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4572C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC4572C Datasheet HTML 4Page - Renesas Technology Corp UPC4572C Datasheet HTML 5Page - Renesas Technology Corp UPC4572C Datasheet HTML 6Page - Renesas Technology Corp UPC4572C Datasheet HTML 7Page - Renesas Technology Corp UPC4572C Datasheet HTML 8Page - Renesas Technology Corp UPC4572C Datasheet HTML 9Page - Renesas Technology Corp UPC4572C Datasheet HTML 10Page - Renesas Technology Corp UPC4572C Datasheet HTML 11Page - Renesas Technology Corp UPC4572C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet G15972EJ6V0DS
6
μPC4572
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
600
500
400
300
200
100
0
0
20406080
100
POWER DISSIPATION
TA - Operating Ambient Temperature -
°C
PC4572G2
PC4572C
μ
μ
200
°C/W
227
°C/W
100
120
80
60
40
20
0
1
10
1 k
100 k
1 M
10 M
100
10 k
OPEN LOOP FREQUENCY RESPONSE
f - Frequency - Hz
V± =
±5 V
2
1.5
1
0.5
0
0.5
−1
−1.5
−2
−20
0
20406080
=
±5 V
V±
INPUT OFFSET VOLTAGE
TA - Operating Ambient Temperature -
°C
each 5 samples data
200
180
160
140
120
100
80
60
40
20
0
−20
0
20
40
60
80
=
±5 V
V±
INPUT BIAS CURRENT
TA - Operating Ambient Temperature -
°C
15
10
5
0
100
1 k
10 k
100 k
1 M
LARGE SIGNAL FREQUENCY RESPONSE
f - Frequency - Hz
10 M
RL = 10 k
Ω
V± =
±5 V
V± =
±5 V
0
0
10
20
30
40
OUTPUT CURRENT LIMIT
VO+, IO SOURCE
VO−, IO SINK
±3
±2
±1
±4
±5
IO - Output Current - mA
8
6
4
2
0
20
SUPPLY CURRENT
TA - Operating Ambient Temperature -
°C
−20
040
60
80
V± =
±5 V
8
6
4
2
0
0
SUPPLY CURRENT
V± - Supply Voltage - V
±5
±10
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com