Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVA13 Datasheet(PDF) 1 Page - International Rectifier

Part # PVA13
Description  Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA13 Datasheet(HTML) 1 Page - International Rectifier

  PVA13 Datasheet HTML 1Page - International Rectifier PVA13 Datasheet HTML 2Page - International Rectifier PVA13 Datasheet HTML 3Page - International Rectifier PVA13 Datasheet HTML 4Page - International Rectifier PVA13 Datasheet HTML 5Page - International Rectifier PVA13 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PD 10020-E
Series PVA13
Microelectronic
Power IC Relay
Single-Pole, 300mA, 0-100V AC/DC
BOSFET® Photovoltaic Relay
Part Identification
Part Number
Operating
Sensitivity
Off-State
Voltage (AC/DC)
Resistance
PVA1352
108 Ohms
0 – 100V
5 mA
PVA1354
1010 Ohms
(BOSFET is a trademark of International Rectifier)
Replaced by PVA13N
OBSOLETE
General Description
The Photovoltaic AC Relay (PVA) is a single-pole, normally
open solid state replacement for electro-mechanical relays
used for general purpose switching of analog signals. It
utilizes as an output switch a unique bidirectional (AC or
DC) MOSFET power IC termed a BOSFET. The BOSFET is
controlled by a photovoltaic generator of novel construc-
tion, which is energized by radiation from a dielectrically
isolated light emitting diode (LED).
The PVA overcomes the limitations of both conventional
and reed electromechanical relays by offering the solid
state advantages of long life, high operating speed, low
pick-up power, bounce-free operation, low thermal voltages
and miniaturization. These advantages allow product
improvement and design innovations in many applications
such as process control, multiplexing, telecommunications,
automatic test equipment and data acquisition.
The PVA can switch analog signals from thermocouple
level to 100 volts peak AC or DC polarity. Signal frequen-
cies into the RF range are easily controlled and switching
rates up to 2kHz are achievable. The extremely small
thermally generated offset voltages allow increased
measurement accuracies.
Unique silicon technology developed by International
Rectifier forms the heart of the PVA. The monolithic
BOSFET contains a bidirectional N-channel power
MOSFET output structure. In addition, this power IC chip
has input circuitry for fast turn-off and gate protection
functions. This section of the BOSFET chip utilizes both
bipolar and MOS technology to form NPN transistors, P-
channel MOSFETs, resistors, diodes and capacitors.
The photovoltaic generator similarly utilizes a unique
International Rectifier alloyed multijunction structure. The
excellent current conversion efficiency of this technique
results in the very fast response of the PVA microelec-
tronic power IC relay.
This advanced semiconductor technology has created a
radically new control device. Designers can now develop
switching systems to new standards of electrical perfor-
mance and mechanical compactness.
PVA13 Features
BOSFET Power IC s
s
s
s
s
1010 Operations s
s
s
s
s
300µsec Operating Time s
s
s
s
s
0.2µVolt Thermal Offset s
s
s
s
s
3 milliwatts Pick-Up Power s
s
s
s
s
1000V/µsec dv/dt s
s
s
s
s
Bounce-Free s
s
s
s
s
8-pin DIP Package s
s
s
s
s
-40°C to 85°C s
s
s
s
s
UL recognized s
s
s
s
s


Similar Part No. - PVA13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA1352N IRF-PVA1352N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA1352NPBF IRF-PVA1352NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA1352NS IRF-PVA1352NS Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA1352NSPBF IRF-PVA1352NSPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA1354N IRF-PVA1354N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
More results

Similar Description - PVA13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVD13 IRF-PVD13 Datasheet
311Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVT312 IRF-PVT312 Datasheet
249Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com