Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453ITSTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2453ITSTR
Description  High Performance Quad Output Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453ITSTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2453ITSTR Datasheet HTML 5Page - Semtech Corporation SC2453ITSTR Datasheet HTML 6Page - Semtech Corporation SC2453ITSTR Datasheet HTML 7Page - Semtech Corporation SC2453ITSTR Datasheet HTML 8Page - Semtech Corporation SC2453ITSTR Datasheet HTML 9Page - Semtech Corporation SC2453ITSTR Datasheet HTML 10Page - Semtech Corporation SC2453ITSTR Datasheet HTML 11Page - Semtech Corporation SC2453ITSTR Datasheet HTML 12Page - Semtech Corporation SC2453ITSTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
 2002 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
PRELIMINARY
Applications Information (Cont.)
PWM CONTROLLER
SC2453 is a voltage mode buck controller that utilizes
an externally compensated high bandwidth error ampli-
fier to regulate output voltage. The power stage of the
synchronous rectified buck converter control-to-output
transfer function is as shown below:
LC
s
R
L
s
1
C
sR
1
V
)
s
(
G
2
C
IN
VD
+
+
+
=
where,
LC
1
O =
ω
L – Output inductance
C – Output capacitance
R
C – Output capacitor ESR
V
IN – Input voltage
R3
C3
R2
R1
C1
Vref
C2
-
+
Figure 1. Voltage Mode Buck Converter Compensation
Network
The transfer function of the compensation network is as
follows:
)
s
1
)(
s
1
(
)
s
1
)(
s
1
(
s
)
s
(
G
2
P
1
P
2
Z
1
Z
I
COMP
ω
+
ω
+
ω
+
ω
+
⋅
ω
=
where,
2
3
1
2
Z
1
2
1
Z
C
)
R
R
(
1
,
C
R
1
+
=
ω
=
ω
3
1
3
1
2
2
P
2
3
1
P
3
1
1
I
C
C
C
C
R
1
,
C
R
1
,
)
C
C
(
R
1
+
=
ω
=
ω
+
=
ω
The design guidelines are as following:
1. Set the loop gain crossover frequency
ω
C for given
switching frequency.
2. Place an integrator in the origin to increase DC and
low frequency gains.
3. Select
ω
Z1 and ωZ2 such that they are placed near ωO
to dampen peaking; the loop gain has –20dB rate
to go across the 0dB line for obtaining a wide band-
width.
4. Cancel
ω
ESR with compensation pole ωP1 (ωP1 = ωESR ).
5. Place a high frequency compensation pole
ω
P2 at the
half switching frequency to get the maximum attenu-
ation of the switching ripple and the high frequency
noise with the adequate phase lag at
ω
C.
Figure 2. Asymptotic diagram of buck power stage and
its compensated loop gain.
0dB
Gd
T
ωZ1
ω
Z2
p1
p2
c
ESR
ω o
ω
ω
ω
ω
Loop gain T(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com