Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2453ITSTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2453ITSTR
Description  High Performance Quad Output Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2453ITSTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2453ITSTR Datasheet HTML 6Page - Semtech Corporation SC2453ITSTR Datasheet HTML 7Page - Semtech Corporation SC2453ITSTR Datasheet HTML 8Page - Semtech Corporation SC2453ITSTR Datasheet HTML 9Page - Semtech Corporation SC2453ITSTR Datasheet HTML 10Page - Semtech Corporation SC2453ITSTR Datasheet HTML 11Page - Semtech Corporation SC2453ITSTR Datasheet HTML 12Page - Semtech Corporation SC2453ITSTR Datasheet HTML 13Page - Semtech Corporation SC2453ITSTR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
 2002 Semtech Corp.
www.semtech.com
SC2453
POWER MANAGEMENT
PRELIMINARY
Bill of Materials - Evaluation Board
m
e
t
I.
y
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
V.
o
N
t
r
a
P
/
n
o
i
t
p
i
r
c
s
e
Dt
n
i
r
P
t
o
o
F
13
3
C
,
2
C
,
1
CV
6
1
/
F
u
0
7
40
7
4
A
Z
6
1
:
N
/
P
n
o
c
y
b
u
R4
3
0
./
0
0
2
.
S
L
/
0
0
4
.
D
/
L
Y
C
P
C
24
6
1
C
,
9
C
,
5
C
,
4
CF
u
1
.
06
0
2
1
32
0
5
C
,
6
CF
u
16
.
2
1
43
0
2
C
,
1
1
C
,
7
CV
6
1
/
F
u
0
7
41
7
4
G
H
C
1
-
A
C
E
:
N
/
P
c
i
n
o
s
a
n
a
PP
1
1
X
8
V
_
L
A
I
D
A
R
_
P
A
C
51
8
CF
u
1
.
06
0
2
1
61
0
1
CF
u
1
0
.
06
0
2
1
72
1
2
C
,
2
1
CF
n
2
.
26
0
2
1
84
3
2
C
,
2
2
C
,
7
1
C
,
3
1
CV
6
1
/
F
u
8
60
8
6
C
1
C
F
-
U
E
E
:
N
/
P
c
i
n
o
s
a
n
a
P1
3
0
./
0
0
1
.
S
L
/
0
0
2
.
D
/
L
Y
C
P
C
91
4
1
CF
n
2
.
86
0
2
1
0
12
4
2
C
,
5
1
CF
p
0
8
66
0
2
1
1
11
8
1
CF
n
0
16
0
2
1
2
119
1
CF
n
3
.
36
0
2
1
3
115
2
CF
n
7
.
46
0
2
1
4
111
5
CV
4
/
F
u
7
4L
M
0
3
3
B
P
T
4
:
N
/
P
o
y
n
a
S3
4
3
7
5
12
3
5
C
,
2
5
CF
p
0
0
16
0
2
1
6
12
2
D
,
1
DW
H
9
1
8
5
N
17
-
W
H
9
1
8
5
N
1
:
N
/
P
.
c
n
I
s
e
d
o
i
D3
2
1
-
D
O
S
7
11
3
D0
5
1
B3
1
-
0
5
1
B
:
N
/
P
.
c
n
I
s
e
d
o
i
DA
M
S
/
M
S
8
11
1
L)
4
:
1
(
3
8
0
0
-
2
H
P
V3
8
0
0
-
2
H
P
V
:
N
/
P
s
c
i
n
o
r
tl
i
o
C2
P
V
9
11
2
LH
u
5
13
5
1
-
P
2
2
0
5
O
D
:
N
/
P
tf
a
r
c
li
o
C6
1
3
3
O
D
0
22
2
Q
,
1
Q9
4
7
T
Z
FA
T
9
4
7
T
Z
F
:
N
/
P
.
c
n
I
x
e
t
e
Z3
2
2
-
T
O
S
1
24
7
Q
,
5
Q
,
3
Q
,
2
QP
C
0
1
-
3
0
N
0
5
D
U
SP
C
0
1
-
3
0
N
0
5
D
U
S
:
N
/
P
y
a
h
s
i
V3
2
2
-
T
O
S
2
21
7
Q9
4
6
T
Z
FA
T
9
4
6
T
Z
F
:
N
/
P
.
c
n
I
x
e
t
e
Z3
2
2
-
T
O
S
3
25
,
4
2
R
,
9
1
R
,
3
1
R
,
1
R
1
5
R
K
0
16
0
2
1
4
21
2
R0
16
0
2
1
5
26
-
3
2
R
,
1
2
R
,
6
1
R
,
9
R
,
3
R
0
5
R
K
0
26
0
2
1
6
24
4
1
R
,
2
1
R
,
6
R
,
4
R2
6
0
2
1
7
21
5
RK
3
.
1
16
0
2
1
8
21
7
R7
46
0
2
1
9
22
7
1
R
,
8
R0
2
26
0
2
1
0
31
0
1
RK
0
.
26
0
2
1
1
31
1
1
RK
2
.
0
46
0
2
1
2
31
5
1
R0
7
46
0
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com