Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3621 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3621 Datasheet HTML 17Page - International Rectifier IR3621 Datasheet HTML 18Page - International Rectifier IR3621 Datasheet HTML 19Page - International Rectifier IR3621 Datasheet HTML 20Page - International Rectifier IR3621 Datasheet HTML 21Page - International Rectifier IR3621 Datasheet HTML 22Page - International Rectifier IR3621 Datasheet HTML 23Page - International Rectifier IR3621 Datasheet HTML 24Page - International Rectifier IR3621 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IR3621&(PbF)
21
www.irf.com
TYPICAL OPERATING CHARACTERISTICS
Static Supply Current vs. Temperature
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (C)
ICC
ICH1+ICH2
ICL
Dynamic Supply Current vs. Temperature
(300kHz, 1500pF)
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
Temperature (C)
ICC
ICH1+ICH2
ICL
IOCSet vs. Temperature
15
16
17
18
19
20
21
22
23
24
25
-50
-25
0
25
50
75
100
125
Temperature (C)
IOCSet1
IOCSet2
Deadband Time vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
Temperature (C)
H_to_L_1
H_to_L_2
L_to_H_1
L_to_H_2
HI Drive Rise/Fall Time vs. Temperature
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
Temperature (C)
HI Dr1 Rise
HI Dr2 Rise
HI Dr1 Fall
HI Dr2 Fall
LO Drive Rise/Fall Time vs. Temperature
5
10
15
20
25
30
35
-50
-25
0
255075
100
125
Temperature (C)
LO Dr1 Rise
LO Dr2 Rise
LO Dr1 Fall
LO Dr2 Fall



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com