Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3621 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3621 Datasheet HTML 2Page - International Rectifier IR3621 Datasheet HTML 3Page - International Rectifier IR3621 Datasheet HTML 4Page - International Rectifier IR3621 Datasheet HTML 5Page - International Rectifier IR3621 Datasheet HTML 6Page - International Rectifier IR3621 Datasheet HTML 7Page - International Rectifier IR3621 Datasheet HTML 8Page - International Rectifier IR3621 Datasheet HTML 9Page - International Rectifier IR3621 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
IR3621&(PbF)
www.irf.com
Figure 3 - IR3621Block Diagram
BLOCK DIAGRAM
PBias2
Bias
Generator
LDrv2
Two Phase
Oscillator
0.8V
3V
Ramp1
Sync
Gnd
HDrv2
VcH2
SS1 / SD
Comp2
Error Amp2
PWM Comp2
POR
VOUT3
28uA
Reset Dom
LDrv1
VCL
HDrv1
VcH1
Fb1
Comp1
Error Amp1
PWM Comp1
Reset Dom
Set1
Set2
Ramp2
64uA
Max
UVLO
VcH2
VcH1
Fb2
PGnd2
Vcc
Rt
0.8V
SS2 / SD
VP2
VREF
PGood / OVP
PGood
R
S
Q
Q
S
R
VSEN1
VSEN2
OCSet2
OVP
HDrv OFF / LDrv ON
Thermal
Shutdown
PGnd1
OCSet1
28uA
64uA
Hiccup
Hiccup
Control
SS1
SS2
Mode
Regulator
Mode
Control
POR
Mode
0.8V
SS2
Mode
20uA
20uA
POR
0.8V
PBias1
0.3V
SS1
Q
R
S
PBias1
SS1
SS2
3uA
3uA
POR
0.3V
SS2
Q
R
S
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com