Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3621 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3621
Description  2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3621 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3621 Datasheet HTML 9Page - International Rectifier IR3621 Datasheet HTML 10Page - International Rectifier IR3621 Datasheet HTML 11Page - International Rectifier IR3621 Datasheet HTML 12Page - International Rectifier IR3621 Datasheet HTML 13Page - International Rectifier IR3621 Datasheet HTML 14Page - International Rectifier IR3621 Datasheet HTML 15Page - International Rectifier IR3621 Datasheet HTML 16Page - International Rectifier IR3621 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
IR3621&(PbF)
13
www.irf.com
Choose IRF7821 for control MOSFETs and IRF8113 for
synchronous MOSFETs. These devices provide low on-
resistance in a compact SOIC 8-Pin package.
The MOSFETs have the following data:
The total conduction losses for each output will be:
The switching loss is more difficult to calculate, even
though the switching transition is well understood. The
reason is the effect of the parasitic components and
switching times during the switching procedures such
as turn-on / turnoff delays and rise and fall times. The
control MOSFET contributes to the majority of the switch-
ing losses in a synchronous Buck converter. The syn-
chronous MOSFET turns on under zero voltage condi-
tions, therefore, the switching losses for synchronous
MOSFET can be neglected. With a linear approxima-
tion, the total switching loss can be expressed as:
These values are taken under a certain condition test.
For more details please refer to the IRF7821 data sheet.
By using equation (9), we can calculate the total switch-
ing losses.
Programming the Over-Current Limit
The over-current threshold can be set by connecting a
resistor (RSET) from drain of low side MOSFET to the
OCSet pin. The resistor can be calculated by using equa-
tion (3).
The RDS(on) has a positive temperature coefficient and it
should be considered for the worse case operation.
PCON(TOTAL, 2.5V) = PCON(UPPER) + PCON(LOWER)
PCON(TOTAL, 2.5V) = 1.0W
PSW(TOTAL,2.5V) = 0.18W
PSW(TOTAL,1.8V) = 0.18W
IRF7821
VDSS = 30V
RDS(on) = 9m
Ω
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
PSW =
ILOAD
---(9)
×
VDS(OFF)
2
tr + tf
T
×
IRF7821
tr = 2.7ns
tf = 7.3ns
RDS(on) = 6m
Ω×1.5 = 9mΩ
ISET
≅ IO(LIM) = 10A×1.5 = 15A
(50% over nominal output current)
This results to:
RSET = R1=R6=6.75K
Ω
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Figure 13 - Switching time waveforms.
From IRF7821 data sheet we obtain:
2
2
PCOND(Upper Switch) = ILOAD
×RDS(on)×D×ϑ
PCOND(Lower Switch) = ILOAD
×RDS(on)×(1 - D)×ϑ
ϑ = RDS(on) Temperature Dependency
The gate drive requirement is almost the same for both
MOSFETs. Logic-level transistors can be used and cau-
tion should be taken with devices at very low VGS to pre-
vent undesired turn-on of the complementary MOSFET,
which results in a shoot-through.
The total power dissipation for MOSFETs includes con-
duction and switching losses. For the Buck converter,
the average inductor current is equal to the DC
load current. The conduction loss is defined as:
The RDS(ON) temperature dependency should be consid-
ered for the worst case operation. This is typically given
in the MOSFET data sheet. Ensure that the conduction
losses and switching losses do not exceed the package
ratings or violate the overall thermal budget.
PCON(TOTAL, 1.8V) = PCON(UPPER) + PCON(LOWER)
PCON(TOTAL, 1.8V) = 1.0W
IRF8113
VDSS = 30V
RDS(on) = 6m
Ω
This resistor must be placed close to the IC, place a
small ceramic capacitor from this pin to ground for noise
rejection purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com