Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17510 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 17510
Description  1.2 A 15 V H-Bridge Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17510 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  17510 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17510
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 17510 Pin Connections
Table 1. 17510 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 8.
Pin Number
Pin Name
Formal Name
Definition
1, 5
OUT1
Output 1
Driver output 1 pins.
2
LGND
Logic Ground
Logic ground.
3
CRES
Charge Pump Output
Capacitor Connection
Charge pump reservoir capacitor pin.
4, 7,
20, 22
NC
No Connect
No connection to these pins.
17, 18
OUT2
Output 2
Driver output 2 pins.
6, 19
PGND
Power Ground
Power ground.
8, 21
VM
Motor Drive Power
Supply
Motor power supply voltage input pins.
9
IN1
Input Control 1
Control signal input 1 pin.
10
IN2
Input Control 2
Control signal input 2 pin.
11
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole).
12
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole).
13
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole).
14
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole).
15
GOUT
Gate Driver Output
Output gate driver signal to external MOSFET switch.
16
EN
Enable Control
Enable control signal input pin.
23
VDD
Logic Supply
Control circuit power supply pin.
24
GIN
Gate Driver Input
LOW = True control signal for GOUT pin.
GIN
NC
PGND
OUT2
OUT2
EN
GOUT
C2H
C2L
V
DD
NC
VM
OUT1
OUT1
PGND
NC
VM
IN1
IN2
C1L
LGND
CRES
NC
C1H
24
20
19
18
17
16
15
13
23
22
21
14
5
6
7
8
9
10
11
12
2
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com