Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17510 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 17510
Description  1.2 A 15 V H-Bridge Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17510 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  17510 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document Number: MPC17510
Rev. 3.0, 1/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
1.2 A 15 V H-Bridge Motor
Driver IC
The 17510 is a monolithic H-Bridge designed to be used in
portable electronic applications such as digital and SLR cameras to
control small DC motors.
The 17510 can operate efficiently with supply voltages as low as
2.0 V to as high as 15 V. Its low RDS(ON) H-Bridge output MOSFETs
(0.45
Ω typical) can provide continuous motor drive currents of 1.2 A
and handle peak currents up to 3.8 A. It is easily interfaced to low-
cost MCUs via parallel 5.0 V compatible logic. The device can be
pulse width modulated (PWM-ed) at up to 200 kHz.
This device contains an integrated charge pump and level shifter
(for gate drive voltages), integrated shoot-through current protection
(cross-conduction suppression logic and timing), and undervoltage
detection and shutdown circuitry.
The 17510 has four operating modes: Forward, Reverse, Brake,
and Tri-Stated (High Impedance).
Features
•2.0 V to 15 V Continuous Operation
• Output Current 1.2 A (DC), 3.8 A (Peak)
• 450 m
Ω R
DS(ON) H-Bridge MOSFETs
•5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown
• Cross-Conduction Suppression
• Pb-Free Packaging Designated by Suffix Code EJ
Figure 1. 17510 Simplified Application Diagram
H-BRIDGE MOTOR DRIVER
MTB SUFFIX
EJ SUFFIX (Pb-FREE)
98ASH70455A
24-LEAD TSSOP
17510
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17510EJ/R2
-30°C to 65°C
24 TSSOPW
MPC17510MTB
MPC17510MTBEL
VDD
CRES
C1L
C1H
C2L
C2H
IN2
IN1
EN
OUT2
OUT1
GOUT
VM
GND
MCU
GIN
MOTOR
5.0 V
15 V
17510


Similar Part No. - 17510

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17510 VICOR-17510 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
17510-6 VICOR-17510-6 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Advantech Co., Ltd.
1751000017-01 ADVANTECH-1751000017-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
1751000018-01 ADVANTECH-1751000018-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
1751000035 ADVANTECH-1751000035 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
More results

Similar Description - 17510

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com