Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17510 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 17510
Description  1.2 A 15 V H-Bridge Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17510 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 17510 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 9Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 10Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 11Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 12Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 13Page - Freescale Semiconductor, Inc 17510 Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
17510
TYPICAL APPLICATIONS
FUNCTIONAL PIN DESCRIPTION
TYPICAL APPLICATIONS
Figure 6 shows a typical application for the 17510.
Figure 6. 17510 Typical Application Diagram
CEMF SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commutating currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a capacitor or zener at the
supply pin (VM) (see Figure 7).
Figure 7. CEMF Snubbing Techniques
MCU
17510
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
EN
GIN
IN1
IN2
VM
VDD
Motor
GOUT
Solenoid
OUT1
OUT2
17510
5.0 V
15 V
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT1
OUT2
GND
17510
5.0 V
15 V
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT1
OUT2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com