Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P12 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT6P12
Description  Learning Car Alarm Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P12 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT6P12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Note: During the Entry delay time, the chip ignores all trigger signals from the TRIG, AL+, AL- pins.
(when the AUTO_ARM delay time is not
zero), the disarm state will change to the arm
state after the AUTO_ARM delay time (de-
fined by the “AUTO_ARM delay time” in the
option table). The timing of the alarm trigger
is shown below.
Panic mode
Whether in the arm or disarm state, after a
panic control signal has been received, the siren
will sound and the car lamp will flash. The
timing of the SIREN, FLASH, and LED outputs
is the same as the timing of the alarm trigger
mode. The active output length is on a par with
the TRIG siren active time, One interval (de-
fined by the “TRIG and Panic siren active time”
in the option taable). The siren sound as well as
the car lamp flash can be interrupted by occur-
rence of a second panic control signal or by
activating the ACC (DI) pin. The panic mode
takes a priority of other modes.
Alarm Triggers (AL+, AL-, TRIG) for Arm State
HT6P12
11
2nd Oct ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com