Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P12 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT6P12
Description  Learning Car Alarm Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P12 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT6P12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT6P12 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Door Open Alarm
Find Car Timing
one of the encoder ’s data bits is set as a
FIND_CAR control signal (Output Type B or C).
Whether in the arm or disarm state, as long as
a FIND_CAR control signal has been received
from the DIN pin, the car lamp will flash and
the chirp will sound. The flash rate is identical
to those in the alarm trigger mode. The chirp
rate is defined by the “FIND CAR chirp output
period” in the option table. If the control signal
has been removed within the FIND_TIME (de-
fined by the “FIND_TIME” in the option table),
the car lamp flashing and the chirp output will
stop at the end of the FIND_TIME. Otherwise
they will continue to complete another new
FIND_TIME period. If the encoder’s FIND_CAR
key is retriggered at this time the FIND_TIME
will be re-counted. But, if the FIND_CAR key is
triggered in the mute mode, the chirp function
will be disabled. The timing of the FIND_CAR
mode is shown below.
Door Open Alarm
If the TRIG pin is triggered and trigger signal
is held in the disarm state, the SIREN will not
be activated, and then the disarm state changes
to the arm state. HT6P12 will be active for a
period of AL_TRIG siren active time, and the
system will enter the alarm trigger mode, and
the output of the SIREN, FLASH and LED is
the same as the timing of the alarm trigger
mode. To disable the output, the trigger signal
on the TRIG pin has to be removed or the
ACC(DI) pin be activated. The timing of the
door open is shown below.
Alarm output (SIREN)
If the TRIG signal has been removed within a
cycle of four intervals, the siren will stop at the
end of the period. On the other hand, if the AL+
(AL-) signal has been removed within the pe-
riod of the AL_TRIG siren active time, the siren
will also cease at the end of the period. Other-
wise it will continue to complete another new
period.
The duration time of a cycle is decided by the
value of the option table. The alarm state is
terminated by the disarm control signal. After the
panic control signal has been received, the SIREN
(CHIRP) will output a period of time the same as
the TRIG siren active time. The alarm state can
be terminated by an active high ACC signal.
HT6P12
13
2nd Oct ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com