Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD6P4BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P4BGS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD6P4BGS Datasheet HTML 1Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 2Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 3Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 4Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 5Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 6Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 7Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 8Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
©
1998, 1999
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
The
µPD6P4B is a microcontroller for infrared remote control transmitters which is provided with a one-time
PROM as the program memory.
Because users can write programs for the
µPD6P4B, it is ideal for program evaluation and small-scale production
of the application systems using the
µPD62, 63, 63A, or 64.
When reading this document, also refer to the
µPD62 Data Sheet (U14208E) and the µPD63, 63A, 64 Data
Sheet (U11371E).
FEATURES
• Program memory (one-time PROM) : 1002
× 10 bits
• Data memory (RAM)
: 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 16
µs (when operating at fX = 4 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0)
: 1 unit
•S1/LED pin (I/O)
: 1 unit (In output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 2.2 to 3.6 V (at fX = 4 MHz)
VDD = 2.7 to 3.6 V (at fX = 8 MHz)
• Operating ambient temperature
: TA = –40 to +85
°C
• Oscillator frequency
: fX = 2.4 to 8 MHz
• POC circuit
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
MOS INTEGRATED CIRCUIT
µPD6P4B
Document No. U13594EJ2V1DS00 (2nd edition)
Date Published August 2000 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com